Electronic Components Datasheet Search
  English  ▼

X  

LTC1556 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1556
Description  SIM Power Supply and Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1556 Datasheet(HTML) 3 Page - Linear Technology

  LTC1556 Datasheet HTML 1Page - Linear Technology LTC1556 Datasheet HTML 2Page - Linear Technology LTC1556 Datasheet HTML 3Page - Linear Technology LTC1556 Datasheet HTML 4Page - Linear Technology LTC1556 Datasheet HTML 5Page - Linear Technology LTC1556 Datasheet HTML 6Page - Linear Technology LTC1556 Datasheet HTML 7Page - Linear Technology LTC1556 Datasheet HTML 8Page - Linear Technology LTC1556 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1555/LTC1556
VIN = 2.7V to 10V, DVCC = 1.8V to 5.5V, controller digital pins tied to DVCC, SIM digital pins floating, EN, FB pins tied to GND
(LTC1556), C1 = 0.1
µF, COUT = 10µF unless otherwise specified.
ELECTRICAL CHARACTERISTICS
over the – 40
°C to 85°C temperature range by design or correlation, but
are not production tested.
Note 3: The DATA and I/O pull-down drivers must also sink current
sourced by the internal pull-up resistors.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Short-Circuit Current
VCC Shorted to GND
q
12.5
40
mA
Auxiliary LDO VOUT (VLDO)
EN = High, VCC = 5V, FB = LDO, ILDO = 5mA (LTC1556)
q
4.00
4.3
4.55
V
Auxiliary Switch Resistance
EN = High, VCC = 5V, FB = GND (LTC1556)
q
18
30
Ω
FB Input Resistance
(LTC1556)
200
k
Ω
Charge Pump fOSC
q
500
650
800
kHz
Controller Inputs/Outputs, DVCC = 3V
Input Current (IIH, IIL)
M0, M1, SS, RIN, CIN
q
–1
1
µA
DDRV, EN
q
–5
5
µA
High Level Input Current (IIH)
DATA
q
–20
20
µA
Low Level Input Current (IIL)
DATA
q
1mA
High Input Voltage Threshold (VIH)
M0, M1, RIN, CIN, DDRV, EN
q
0.7
× DVCC
V
DATA
q
DVCC – 0.6
V
Low Input Voltage Threshold (VIL)
M0, M1, RIN, CIN, DDRV, EN
q
0.2
× DVCC
V
DATA
q
0.4
V
High Level Output Voltage (VOH)
DATA Source Current = 20
µA, I/O = VCC
q
0.7
× DVCC
V
Low Level Output Voltage (VOL)
DATA Sink Current = – 200
µA, I/O = 0V (Note 3)
q
0.4
V
DATA Pull-up Resistance
Between DATA and DVCC
q
13
20
28
k
Ω
DATA Output Rise/Fall Time
DATA Loaded with 30pF
q
1.3
2
µs
SIM Inputs/Outputs, DVCC = 3V, VCC = 3V or 5V
I/O High Input Voltage Threshold (VIH)IIH(MAX) = ±20µA
q
0.5
× VCC 0.7 × VCC
V
I/O Low Input Voltage Threshold (VIL)IIL(MAX) = 1mA
q
0.4
V
High Level Output Voltage (VOH)
I/O, Source Current = 20
µA, DATA or DDRV = DVCC
q
0.8
× VCC
V
RST, CLK, Source Current = 20
µA
q
0.9
× VCC
V
Low Level Output Voltage (VOL)
I/O, Sink Current = – 1mA, DATA or DDRV = 0V (Note 3)
q
0.4
V
RST, CLK, Sink Current = – 200
µA
q
0.4
V
I/O Pull-Up Resistance
Between I/O and VCC
q
6.5
10
14
k
Ω
SIM Timing Parameters, DVCC = 3V, VCC = 5V
CLK Rise/Fall Time
CLK Loaded with 30pF
q
18
ns
RST, I/O Rise/Fall Time
RST, I/O Loaded with 30pF
q
1
µs
CLK Frequency
CLK Loaded with 30pF
q
5
MHz
VCC Turn-On Time
SS = DVCC, COUT = 10µF, IVCC = 0
1
ms
SS = 0V, COUT = 10µF, IVCC = 0
6
ms
VCC Discharge Time to 1V
IVCC = 0, VCC = 5V, COUT = 10µF3
ms
The q denotes specifications which apply over the specified temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: C grade device specifications are guaranteed over the 0
°C to 70°C
temperature range. In addition, C grade device specifications are assured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com