Electronic Components Datasheet Search
  English  ▼

X  

SVR001 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SVR001
Description  LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR001 Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SVR001_15 Datasheet HTML 1Page - Solid States Devices, Inc SVR001_15 Datasheet HTML 2Page - Solid States Devices, Inc SVR001_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOLID STATE DEVICES, INC.
SVR1086-2.85M, Z, & -20
thru
SVR1086-12M, Z, & -20
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
NOTES:
*
Full Temperature Range
1/
For Ordering Information, Price, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
3/
For Package Outlines and Lead Bend Options Contact Factory
4/
Devices are guaranteed to withstand transient Input Voltage up to 30V.
For Input Voltages greater then the maximum operating Input Voltage some
degradation of specifications will occur. For 5V and 12V devices operat-
ing at Input/Output differentials greater then 15V, a minimum external
load of 5mA is required to maintain regulation.
5/
See Thermal Regulation specifications for changes in Output Voltage due
to the heating effects. Line and Load Regulations are measured at a con-
stant Junction Temperature by low duty cycle pulse testing. Load Regula-
tion is measured at the Output Lead at approx. 1/8” from the package.
6/
Line and Load Regulation are guaranteed up to the maximum power dis-
sipation of 15W. Power Dissipation is determined by the Input/Output
differential and the Output Current. Guaranteed maximum power dissi-
pation will not be available over the full Input/Output range.
7/
Dropout Voltage is specified over the full Output Current range of the
Device.
8/
Minimum Load Current is defined as the minimum current required to
maintain regulation. At 25V Input/Output differential the device is guar-
anteed to regulate if the Output Current is greater than 10mA.
Electrical Characteristics (Continue)
SYMBOL
UNITS
MAX
Thermal Regulation
Ripple Rejection
(f =120Hz, COUT =25
:F,
IOUT = 1.5A)
Adjust Pin Current
Adjust Pin Current
Change
Temperature Stability
Long Term Strability
RMS Output Noice
Thermal Resistance
Junction to Case
0.04
--
--
--
--
--
--
--
120
5.0
--
1.0
--
1.7
4.0
10
15
%/W
dB
dB
dB
dB
dB
dB
:A
:A
:A
%
%
%
oC/W
oC/W
oC/W
oC/W
IADJ
ªIADJ
ªVOUT
ªT
ªVOUT
ªVtime
en
R2JC
MIN
--
60
60
60
60
60
54
--
--
--
--
--
--
--
--
--
--
SVR1086 -_
SVR1086 -2.85
SVR1086 -3.3
SVR1086 -3.6
SVR1086 -5
SVR1086 -12
SVR1086 -_
SVR1086 -_
(M) & (Z) Packages
-20 Package
TYP
0.008
75
72
72
72
68
60
55
--
0.2
0.5
0.3
0.003
--
--
--
--
(30 msec Pulse)
(
ªV=25V, CADJ=25:F)
(VIN = 6V)
(VIN = 6.3V)
(VIN = 6.6V)
(VIN = 8V)
(VIN = 15V)
(1.5V
# ªV #15V)
(10Hz
# f # 10kHz)
Control Circuitry/
Power Transistor
Control Circuitry/
Power Transistor
25
*
*
*
*
*
*
25
*
*
*
125
25
to
PIN ASSIGNMENT
Vin
Vout_sen
Pin 3
PACKAGE
Pin 2
Pin 1
TO-254 (M)
Pin 3
Pin 2
Pin 1
TO-254Z (Z)
2, 17
Pin 7
LCC 20 (-20)
FOR PACKAGE OUTLINE REQUEST THE
FOLLOWING DOCUMENTS
PACKAGE
DOCUMENT
TO-254 (M, MUB, MDB)
60-0149-503
TO-254Z (Z, ZUB, ZDB)
60-0149-501
LCC20 (-20)
60-0149-315
15
Vout
Pin 3
Pin 3
10, 12
Vadj



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com