Electronic Components Datasheet Search
  English  ▼

X  

SVR007B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR007B
Description  Low Dropout Positive Adjustable Linear Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR007B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR007B_15 Datasheet HTML 1Page - Solid States Devices, Inc SVR007B_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification. SCD's for
these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SVR007B
DOC
Electrical Characteristics
T o
Symbol
Min
Typ
Max
Units
Reference Voltage
(|Vin – Vout| = 3.0V; Iout = 10mA)
(1.5V<|Vin – Vout|<25V; 10mA<Iout<5.0A)
25
oC
-55
oC, to +125 oC
VREF
1.238
1.225
1.25
1.25
1.262
1.270
Volts
Line Regulation
(1.5V<|Vin – Vout|<15V; Iout=10mA)
(1.5V<|Vin – Vout|<35V; Iout=10mA)
25
oC
-55
oC to +125 oC
ΔVout
ΔVin
––
0.015
0.05
0.2
0.5
%
Load Regulation
(|Vin – Vout| = 3.0V)
(10mA<Iout<5.0A)
25
oC
-55
oC to +125 oC
ΔVout
ΔIout
––
0.1
0.2
0.3
0.4
%
Dropout Voltage
(Iout = 5.0A;
ΔVref = 1% )
-55
oC to +125 oC
VDO
––
1.3
1.5
V
Thermal Regulation
(30ms pulse)
25
oC
––
––
0.002
0.01
%/W
Ripple Rejection
(f = 120Hz, CADJ = 25 uF, Cout = 25uF (tantalum)
I out = 5.0A; |Vin – Vout| = 3.0V)
-55
oC to +125 oC
ΔVin
ΔVout
60
75
––
dB
Adjust Pin Current
(10mA<Iout<5.0A; 1.5V<|Vin – Vout|<25V)
-55
oC to +125 oC
IADJ
––
120
uA
Adjust Pin Current Change
(10mA<Iout<5.0A; 1.5V<|Vin – Vout|<25V)
-55
oC to +125 oC
ΔIADJ
––
0.2
5.0
uA
Minimum load current
(|Vin – Vout| = 25V)
-55
oC to +125 oC
IMIN
––
5
10
mA
Current Limit
(|Vin – Vout| = 5.0V)
(|Vin – Vout| = 25V)
-55
oC to +125 oC
ILIM
8.0
0.4
9.5
1.0
––
A
Temperature Stability 5/
-55
oC to +125 oC
ΔVout
ΔT
––
0.5
1.5
%
Long Term Stability 5/
(t = 1000hrs.)
+125
oC
ΔVout
ΔT
––
0.3
1.0
%
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Class H or K Screening Available i.a.w. MIL-PRF-38534
3/ For Package Outlines and Lead Bend Options Contact Factory. All leads and terminals are hot solder dipped with SN63 tin-lead solder.
4/ Absolute Maximum Ratings Are Those Values Beyond Which the Life of a Device May Be Impaired
5/ Guaranteed by Design.
6/ These parts are manufactured and screened to the requirements of MIL-PRF-38534 Class H including, Group A, Group C temperature cycling, 1000
hour life test at +125◦C only.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SVR1083 SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com