Electronic Components Datasheet Search
  English  ▼

X  

TS39100CP50RO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100CP50RO
Description  1A Ultra Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100CP50RO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39100CP50RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100CP50RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS39100
1A Ultra Low Dropout Voltage Regulator
1/7
Version: C11
SOT-223
TO-252
(DPAK)
General Description
The TS39100 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from
an extremely small package. This regulator offers extremely low dropout (typically 400mV at 1A) and very low
ground current (typically 17mA at 1A).
The TS39100 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag
which signals whenever the output falls out of regulation.
Features
●
Dropout voltage typically 0.4V @Io=1A
●
Output Current up to 1A
●
Low Ground Current
●
Extremely Fast Transient Response
●
Reversed Leakage & Reverse Battery Protection
●
Current Limit & Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS39100CWxx RP
SOT-223
2.5Kpcs / 13” Reel
TS39100CWxx RPG
SOT-223
2.5Kpcs / 13” Reel
TS39100CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS39100CPxx ROG
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
18=1.8V, 25=2.5V, 33=3.3V, 50=5.0V
“G” denote for Halogen Free
Application
●
ULDO Linear Regulator for PC add-in Cards
●
PowerPC
TM Power Supplies
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
High Efficiency Linear Power Supplies
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Post Regulator for Switching
Supply
●
Portable Application
●
Low-Voltage microcontrollers and Digital Logic
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Value
Units
Supply Voltage
VIN
-20V ~ +20
V
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Pin Definition:
1. Input
2. Ground (tab)
3. Output


Similar Part No. - TS39100CP50RO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100CP50 TSC-TS39100CP50 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS39100CP50RO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
Ultra-Low Dropout 1A Voltage Regulator
Revision 1.6 September 13, 2006
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
1A Ultra Low Dropout Voltage Regulator
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
1A Ultra Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
1A Ultra Low Dropout Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com