Electronic Components Datasheet Search
  English  ▼

X  

LTC1599C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1599C
Description  16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1599C Datasheet(HTML) 3 Page - Linear Technology

  LTC1599C Datasheet HTML 1Page - Linear Technology LTC1599C Datasheet HTML 2Page - Linear Technology LTC1599C Datasheet HTML 3Page - Linear Technology LTC1599C Datasheet HTML 4Page - Linear Technology LTC1599C Datasheet HTML 5Page - Linear Technology LTC1599C Datasheet HTML 6Page - Linear Technology LTC1599C Datasheet HTML 7Page - Linear Technology LTC1599C Datasheet HTML 8Page - Linear Technology LTC1599C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1599
Note 9: VREF = 0V. DAC register contents changed from all 0s to all 1s or
all 1s to all 0s. LD high, WR and MLBYTE pulsed.
Note 10: VREF = 6VRMS at 1kHz. DAC register loaded with all 1s.
RL = 600Ω. Unipolar mode op amp = LT1468.
Note 11: Calculation from en = √4kTRB where: k = Boltzmann constant
(J/
°K), R = resistance (Ω), T = temperature (°K), B = bandwidth (Hz).
Note 12: Midscale transition code 0111 1111 1111 1111 to
1000 0000 0000 0000.
Note 13: R1 and R2 are measured between R1 and RCOM, R2 and RCOM.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2:
±1LSB = ±0.0015% of full scale = ±15.3ppm of full scale.
Note 3: Using internal feedback resistor.
Note 4: Guaranteed by design, not subject to test.
Note 5: I(OUT1) with DAC register loaded to all 0s.
Note 6: Typical temperature coefficient is 100ppm/
°C.
Note 7: IOUT1 load = 100Ω in parallel with 13pF.
Note 8: To 0.0015% for a full-scale change, measured from the falling
edge of LD.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
RREF
DAC Input Resistance (Unipolar)
(Note 6)
q
4.5
6
10
k
Ω
R1, R2
R1, R2 Resistance (Bipolar)
(Notes 6, 13)
q
914
20
k
Ω
ROFS, RFB
Feedback and Offset Resistances
(Note 6)
q
9
13.5
20
k
Ω
AC Performance (Note 4)
Output Current Settling Time
(Notes 7, 8)
1
µs
Midscale Glitch Impulse
(Note 12)
1.5
nV-s
Digital-to-Analog Glitch Impulse
(Note 9)
1
nV-s
Multiplying Feedthrough Error
VREF = ±10V, 10kHz Sine Wave
1
mVP-P
THD
Total Harmonic Distortion
(Note 10)
108
dB
Output Noise Voltage Density
(Note 11)
10
nV/
√Hz
Analog Outputs (Note 4)
COUT
Output Capacitance (Note 4)
DAC Register Loaded to All 1s: COUT1
q
115
130
pF
DAC Register Loaded to All 0s: COUT1
q
70
80
pF
Digital Inputs
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
IIN
Digital Input Current
q
0.001
±1
µA
CIN
Digital Input Capacitance
(Note 4) VIN = 0V
q
8pF
Timing Characteristics
tDS
Data to WR Setup Time
q
80
20
ns
tDH
Data to WR Hold Time
q
0
–12
ns
tWR
WR Pulse Width
q
80
25
ns
tBWS
MLBYTE to WR Setup Time
q
0
–12
ns
tBWH
MLBYTE to WR Hold Time
q
0
–12
ns
tLD
LD Pulse Width
q
150
55
ns
tCLR
Clear Pulse Width
q
150
50
ns
tLWD
WR to LD Delay Time
q
0ns
Power Supply
VCC
Supply Voltage
q
4.5
5
5.5
V
ICC
Supply Current
Digital Inputs = 0V or VCC
q
10
µA
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±10%, VREF = 10V, IOUT1 = IOUT2F = IOUT2S = DGND = 0V,
TA = TMIN to TMAX unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com