Electronic Components Datasheet Search
  English  ▼

X  

LTC1595C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1595C
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1595C Datasheet(HTML) 5 Page - Linear Technology

  LTC1595C Datasheet HTML 1Page - Linear Technology LTC1595C Datasheet HTML 2Page - Linear Technology LTC1595C Datasheet HTML 3Page - Linear Technology LTC1595C Datasheet HTML 4Page - Linear Technology LTC1595C Datasheet HTML 5Page - Linear Technology LTC1595C Datasheet HTML 6Page - Linear Technology LTC1595C Datasheet HTML 7Page - Linear Technology LTC1595C Datasheet HTML 8Page - Linear Technology LTC1595C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1595/LTC1596/LTC1596-1
TYPICAL PERFOR A CE CHARACTERISTICS
TIME (
µs)
01234
0
1595/96 G01
–10
+10
1nV-s TYP
USING LT1122 OP AMP
CFEEDBACK = 33pF
VREF = 10V
LD FALLING EDGE
Mid-Scale Glitch Inpulse
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
16384
32768
1595/96 G03
– 0.6
0.6
0.8
0.2
49152
65535
Integral Nonlinearity (INL)
Differential Nonlinearity (INL)
Differential Nonlinearity
vs Reference Voltage
Full-Scale Settling Waveform
DAC
OUTPUT
5V/DIV
GATED
SETTLING
WAVEFORM
500
µV/DIV
1
µs/DIV
1595/96 G04
REFERENCE VOLTAGE (V)
–10
0.5
6
1595/96 G06
0
–6
–2
0
10
1.0
2
–8
–4
8
4
Integral Nonlinearity
vs Reference Voltage
REFERENCE VOLTAGE (V)
–10
0.5
6
1595/96 G05
0
–6
–2
0
10
1.0
2
–8
–4
8
4
Differential Nonlinearity
vs Supply Voltage
Multiplying Mode Frequency
Response vs Digital Code
FREQUENCY (Hz)
100
–60
–40
–20
0
1M
1595/96 G07
–80
–100
–120
1k
10k
100k
10M
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALL
BITS OFF
ALL
BITS
ON
USING LT1122 OP AMP
CFEEDBACK = 33pF
Integral Nonlinearity
vs Supply Voltage
SUPPLY VOLTAGE (V)
2
0
1
2
4
6
7
1595/96 G08
35
8
9
10
VREF = 10V
VREF = 2.5V
SUPPLY VOLTAGE (V)
2
0
0.5
1.0
4
6
7
1595/96 G09
35
8
9
10
USING LT1122 OP AMP
CFEEDBACK = 33pF
DIGITAL INPUT CODE
0
–1.0
–0.6
– 0.8
–0.4
0.4
0.6
0.8
1.0
–0.2
0.2
0
16384
32768
1595/96 TA02
49152
65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com