Electronic Components Datasheet Search
  English  ▼

X  

LTC1598IG Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1598IG
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1598IG Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1598IG Datasheet HTML 16Page - Linear Technology LTC1598IG Datasheet HTML 17Page - Linear Technology LTC1598IG Datasheet HTML 18Page - Linear Technology LTC1598IG Datasheet HTML 19Page - Linear Technology LTC1598IG Datasheet HTML 20Page - Linear Technology LTC1598IG Datasheet HTML 21Page - Linear Technology LTC1598IG Datasheet HTML 22Page - Linear Technology LTC1598IG Datasheet HTML 23Page - Linear Technology LTC1598IG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1594/LTC1598
15948fb
TYPICAL APPLICATIONS N
Using MUXOUT/ADCIN Loop as PGA
This figure shows the LTC1598’s MUXOUT/ADCIN loop
and an LT1368 being used to create a single channel PGA
with eight noninverting gains. Combined with the LTC1391,
the system can expand to eight channels and eight gains
for each channel. Using the LTC1594, the PGA is reduced
to four gains. The output of the LT1368 drives the ADCIN
and the resistor ladder. The resistors above the selected
MUX channel form the feedback for the LT1368. The loop
gain for this amplifier is RS1/RS2 + 1. RS1 is the summation
of the resistors above the selected MUX channel and RS2
Using the MUXOUT/ADCIN Loop of the LTC1598 to Form a PGA with Eight Gains in a Noninverting Configuration
is the summation of the resistors below the selected MUX
channel. If CH0 is selected, the loop gain is 1 since RS1 is
0. Table 1 shows the gain for each MUX channel. The
LT1368 dual rail-to-rail op amp is designed to operate with
0.1
μFloadcapacitors.Thesecapacitorsprovidefrequency
compensation for the amplifiers, help reduce the amplifi-
ers’ output impedance and improve supply rejection at
high frequencies. Because the LT1368’s IB is low, the RON
of the selected channel will not affect the loop gain given
by the formula above.
1594/98 TA06
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
64R
32R
16R
8R
4R
2R
R
R
+
–
8
COM
18
MUXOUT
GND
4, 9
10
6
5, 14
11
7
CSADC
CSMUX
CLK
DOUT
DIN
12
13
NC
NC
12-BIT
SAMPLING
ADC
8-CHANNEL
MUX
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1391
5V
1
mF
ADCIN
17
16
15, 19
1
mF
0.1
mF
5V
1
mF
5V
VREF VCC
–
+
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
V+
D
V–
DOUT
DIN
CS
CLK
GND
1/2 LT1368
LTC1598
mP/mC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com