Electronic Components Datasheet Search
  English  ▼

X  

LTC1622 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1622
Description  Low Input Voltage Current Mode Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1622 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1622 Datasheet HTML 8Page - Linear Technology LTC1622 Datasheet HTML 9Page - Linear Technology LTC1622 Datasheet HTML 10Page - Linear Technology LTC1622 Datasheet HTML 11Page - Linear Technology LTC1622 Datasheet HTML 12Page - Linear Technology LTC1622 Datasheet HTML 13Page - Linear Technology LTC1622 Datasheet HTML 14Page - Linear Technology LTC1622 Datasheet HTML 15Page - Linear Technology LTC1622 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1622
1622f LT/TP 0100 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147 Series
High Efficiency Step-Down Switching Regulator Controllers
100% DC, 3.5V
≤ VIN ≤ 16V, HV Version Has 20VIN
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
LTC1436/LTC1436-PLL High Efficiency, Low Noise, Synchronous Step-Down Converters
24-Pin Narrow SSOP, 3.5V
≤ VIN ≤ 36V
LTC1438/LTC1439
Dual, Low Noise, Synchronous Step-Down Converters
Multiple Output Capability, 3.5V
≤ VIN ≤ 36V
LTC1474/LTC1475
Low Quiescent Current Step-Down DC/DC Converters
Monolithic, MSOP, IOUT = 10µA
LTC1624
High Efficiency SO-8 N-Channel Switching Regulator Controller
8-Pin N-Channel Drive, 3.5V
≤ VIN ≤ 36V
LTC1626
Low Voltage, High Efficiency Step-Down DC/DC Converter
Monolithic, Constant Off-Time, 2.5V
≤ VIN ≤ 6V
LTC1627/LTC1707
Low Voltage, Monolithic Synchronous Step-Down Regulator
Low Supply Voltage Range: 2.65V to 8V, 0.5A
LTC1628
Dual High Efficiency 2-Phase Step-Down Controller
Antiphase Drive, 3.5V
≤ VIN ≤ 36V, Protection
LTC1772
SOT-23 Current Mode Step-Down Controller
6-Lead SOT-23, 2.5V
≤ VIN ≤ 9.8V, 550kHz
LTC1735
High Efficiency, Low Noise Synchronous Switching Controller
Burst Mode Operation, Protection, 3.5V
≤ VIN ≤ 36V
Small Footprint 3.3V/1A Regulator
1
2
3
4
8
7
6
5
SENSE–
ITH
VFB
VIN
PDRV
GND
SYNC/
MODE
D1
RUN/
SS
L1
2.2
µH
R2
0.025
Ω
M1
R3
232k
VOUT
3.3V
1A
R1
10k
C3
220pF
C1: MURATA CERAMIC GRM235Y5V106Z
C2: SANYO POSCAP 6TPA47M
D1: MOTOROLA MBRS120LT3
VIN
3.3V TO
8.5V
R4
75k
1622 TA05
C4
560pF
C1
10
µF
16V
CERAMIC
LTC1622
+
C2
47
µF
6V
+
L1: COILCRAFT D01608C-222
M1: SILICONIX Si3443DY
R2: DALE WSL-2010 0.025
Ω
Efficiency vs Load Current
LOAD CURRENT (mA)
1
100
90
80
70
60
50
10
100
1000
1622 TA05b
VOUT = 3.3V
RSENSE = 0.025Ω
VIN = 3.5V
VIN = 4.2V
VIN = 6V
Boost Converter 3.3V/2.5A
Efficiency vs Load Current With LTC1622
Configured as Boost Converter
D1
L1
4.6
µH
R3
105k
R2
0.015
Ω
VIN
3.3V
VOUT
5V
2.5A
R4
20k
1622 TA06a
C4
0.1
µF
C5
150pF
C1
100
µF
10V
Si6801DQ
M1
+
C6
0.1
µF
1
2
3
4
8
7
6
5
SENSE–
ITH
VFB
VIN
PDRV
GND
RUN/
SS
LTC1622
SYNC/
MODE
R1
33k
C3
470pF
C1, C2: SANYO POSCAP TPB SERIES
D1: MOTOROLA MBRD835L
L1: SUMIDA CEP123-4R6
C2
220
µF
10V
×2
+
M1: SILICONIX Si3442DV
R2: DALE WS-L2512 0.015
Ω
LOAD CURRENT (mA)
0.001
100
90
80
70
60
50
0.01
0.1
1
1622 TA06b
VOUT = 5V
RSENSE = 0.015Ω
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com