Electronic Components Datasheet Search
  English  ▼

X  

LTC1624CS8 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1624CS8
Description  High Efficiency SO-8 N-Channel Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1624CS8 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1624CS8 Datasheet HTML 20Page - Linear Technology LTC1624CS8 Datasheet HTML 21Page - Linear Technology LTC1624CS8 Datasheet HTML 22Page - Linear Technology LTC1624CS8 Datasheet HTML 23Page - Linear Technology LTC1624CS8 Datasheet HTML 24Page - Linear Technology LTC1624CS8 Datasheet HTML 25Page - Linear Technology LTC1624CS8 Datasheet HTML 26Page - Linear Technology LTC1624CS8 Datasheet HTML 27Page - Linear Technology LTC1624CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC1624
1624f LT/TP 0198 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147
High Efficiency Step-Down Controller
100% DC, Burst Mode Operation, 8-Pin SO
and PDIP
LTC1148HV/LTC1148
High Efficiency Synchronous Step-Down Controllers
100% DC, Burst Mode Operation, VIN < 20V
LTC1149
High Efficiency Synchronous Step-Down Controller
100% DC,Std Threshold MOSFETs, VIN < 48V
LTC1159
High Efficiency Synchronous Step-Down Controller
100% DC, Logic Level MOSFETs, VIN < 40V
LTC1174
Monolithic 0.6A Step-Down Switching Regulator
100% DC, Burst Mode Operation, 8-Pin SO
LTC1265
1.2A Monolithic High Efficiency Step-Down Switching Regulator
100% DC, Burst Mode Operation, 14-Pin SO
LTC1266
High Efficiency Synchronous Step-Down Controller, N-Channel Drive
100% DC, Burst Mode Operation, VIN < 20V
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency
LTC1433/LTC1434
Monolithic 0.45A Low Noise Current Mode Step-Down Switching Regulators
16- and 20-Pin Narrow SSOP
LTC1435
High Efficiency Low Noise Synchronous Step-Down Controller,
Burst Mode Operation, 16-Pin Narrow SO
N-Channel Drive
LTC1436/LTC1436-PLL
High Efficiency Low Noise Synchronous Step-Down Controllers,
Adaptive Power
TM Mode, 20- and 24-Pin SSOP
N-Channel Drive
LTC1474/LTC1475
Ultralow Quiesent Current Step-Down Monolithic Switching Regulators
100% DC, 8-Pin MSOP, VIN < 20V
Adaptive Power is a trademark of Linear Technology Corporation.
RELATED PARTS
Figure 23. 5V to 3.3V/10A Converter (Surface Mount)
+
SENSE–
ITH/RUN
VFB
GND
VIN
BOOST
TG
SW
LTC1624
D1
10k
Q2
CB
0.1
µF
C2
100pF
CIN
100
µF
10V
× 4
C4, 0.1
µF
C3, 0.033
µF
8
7
6
5
1
2
3
4
RSENSE
0.0082
Ω
RC
6.8k
CC
820pF
M1
COUT
470
µF
6.3V
× 2
L1
1.68
µH
+VOUT
3.3V
10A
+VIN
4.5V TO
5.5V
VOUT
RTN
1624 F23
CIN (× 4) = KEMET T495D107M010AS
COUT (× 2) = AVX TPSV477M006R0055
D1 = MOTOROLA MBRB2515L
D2 = MOTOROLA MBR0520
L1 = PULSE ENGINEERING PE53691
M1 = INTERNATIONAL RECTIFIER IRL3803S
Q2 = MOTOROLA MMBTA14LT1
RSENSE = IRC OAR3-R0082
R3, 10
Ω
C8
100pF
D2
+
R1
20k
R2
35.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com