Electronic Components Datasheet Search
  English  ▼

X  

LTM9012 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 5 Page - Linear Technology

  LTM9012_15 Datasheet HTML 1Page - Linear Technology LTM9012_15 Datasheet HTML 2Page - Linear Technology LTM9012_15 Datasheet HTML 3Page - Linear Technology LTM9012_15 Datasheet HTML 4Page - Linear Technology LTM9012_15 Datasheet HTML 5Page - Linear Technology LTM9012_15 Datasheet HTML 6Page - Linear Technology LTM9012_15 Datasheet HTML 7Page - Linear Technology LTM9012_15 Datasheet HTML 8Page - Linear Technology LTM9012_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM9012
5
9012f
power requireMenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
ADC Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
OVDD
ADC Output Supply Voltage
(Note 10)
l
1.7
1.8
1.9
V
VCC
Amplifier Supply Voltage
(Note 10)
l
2.7
3.3
3.6
V
IVDD
ADC Supply Current
Sine Wave Input
l
298
320
mA
IOVDD
ADC Output Supply Current
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
27
49
31
54
mA
mA
IVCC
Amplifier Supply Current
l
208
224
mA
PDISS
2-Lane Mode, 1.75mA Mode
2-Lane Mode, 3.5mA Mode
l
l
1271
1311
1473
1517
mW
mW
PSLEEP
3
mW
PNAP
85
mW
PDIFFCLK
Power Decrease with Single-Ended
Encode Mode Enabled
20
mW
TiMing characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 6)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
(Note 10, Note 11)
l
5
125
MHz
tENCL
ENC Low Time (Note 9)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
100
100
ns
ns
tENCH
ENC High Time (Note 9)
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
3.8
2
4
4
100
100
ns
ns
tAP
Sample-and-Hold
Acquisition Delay Time
0
ns
Digital Data Outputs (RTERM = 100Ω Differential, CL = 2pF to GND on Each Output)
tSER
Serial Data Bit Period
2-Lanes, 16-Bit Serialization
2-Lanes, 14-Bit Serialization
2-Lanes, 12-Bit Serialization
1-Lane, 16-Bit Serialization
1-Lane, 14-Bit Serialization
1-Lane, 12-Bit Serialization
1/(8•fS)
1/(7•fS)
1/(6•fS)
1/(16•fS)
1/(14•fS)
1/(12•fS)
sec
sec
sec
sec
sec
sec
tFRAME
FR to DCO Delay
(Note 9)
l
0.35•tSER
0.5•tSER
0.65•tSER
sec
tDATA
DATA to DCO Delay
(Note 9)
l
0.35•tSER
0.5•tSER
0.65•tSER
sec
tPD
Propagation Delay
(Note 9)
l
0.7n + 2•tSER 1.1n + 2•tSER 1.5n + 2•tSER
sec
tR
Output Rise Time
Data, DCO, FR, 20% to 80%
0.17
ns
tF
Output Fall Time
Data, DCO, FR, 20% to 80%
0.17
ns
DCO Cycle-Cycle Jitter
tSER = 1ns
60
psP-P
Pipeline Latency
6
Cycles
SPI Port Timing (Note 9)
tSCK
SCK Period
Write Mode
Read Back Mode, CSDO = 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Setup Time
l
5
ns
tH
SCK to CS Setup Time
l
5
ns
tDS
SDI Setup Time
l
5
ns
tDH
SDI Hold Time
l
5
ns
tDO
SCK Falling to SDO Valid
Read Back Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com