Electronic Components Datasheet Search
  English  ▼

X  

RH129 Datasheet(PDF) 2 Page - Linear Technology

Part # RH129
Description  6.9V Precision Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH129 Datasheet(HTML) 2 Page - Linear Technology

  RH129_15 Datasheet HTML 1Page - Linear Technology RH129_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RH129
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
VZ
Reverse Breakdown Voltage 0.6mV I R 15mA
6.7
7.2
6.7
7.2
6.7
7.2
6.7
7.2
6.7
7.2
V
V Z
Reverse Breakdown Voltage 0.6mV I R 15mA
14
14
20
30
50
mV
I Z
Change with Current
V Z
Temperature Coefficient
IR = 1mA, RH129A
10
10
10
15
20
ppm/°C
Temp
– 55°C T A 125°C
RH129B
20
20
20
25
30
ppm/°C
RH129C
50
50
50
55
60
ppm/°C
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 3)
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
100KRAD(Si)
200KRAD(Si)
Note 1: Guaranteed by design, characterization or correlation to other
tested parameters.
Note 2: Guaranteed by correlation testing including enhancements for
popcorn noise detection.
Note 3: TA = 25°C unless otherwise noted.
© LINEAR TECHNOLOGY CORPORATION 1990
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
LT/HP 0497 500 REV A • PRINTED IN USA
I.D. No. 66-10-0174 Rev. A 0397
Reverse Dynamic Impedance
TOTAL DOSE KRAD (Si)
1
7
6
5
4
3
2
1
0
10
100
1000
RH129 • TPC04
VS = ±15V
VCM = 0V
Temperature Coefficient
TOTAL DOSE KRAD (Si)
1
10
100
1000
15
10
5
0
–5
–10
–15
RH129 • TPC03
IR ≤ 1mA
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*, 2, 3
Group A Test Requirements (Method 5005)
1, 2, 3
Group B and D for Class S and Group C and D for Class B
1
End Point Electrical Parameters (Method 5005)
* PDA Applies to subgroup 1. See PDA Test Notes.
PDA Test Notes: The PDA is specified as 5% based on failures from group
A, subgroup 1, tests after cooldown as the final electrical test in accordance
with method 5004 of MIL-STD-883. The verified failures of group A,
subgroup 1, after burn-in divided by the total number of devices submitted
for burn-in in that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TYPICAL PERFORMANCE CHARACTERISTICS
Reverse Breakdown Voltage
Change with Current
TOTAL DOSE KRAD (Si)
1
10
100
1000
0
–5
–10
–15
–20
–25
–30
RH129 • TPC02
0.6mA
≤ IR ≤ 15mA
Reverse Breakdown Voltage
TOTAL DOSE KRAD (Si)
1
10
100
1000
7.03
7.02
7.01
7.00
6.99
6.98
6.97
RH129 • TPC01
IR = 1mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com