Electronic Components Datasheet Search
  English  ▼

X  

TSM4NB65CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4NB65CPROG
Description  650V N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NB65CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4NB65CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM4NB65CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSM4NB65
650V N-Channel Power MOSFET
1/10
Version: C14
TO-220
ITO-220
Key Parameter Performance
Parameter
Value
Unit
VDS
650
V
RDS(on) (max)
3.37
Ω
Qg
13.46
nC
TO-251
(IPAK)
TO-252
(DPAK)
Application
●
Power Supply.
●
Lighting
Block Diagram
N-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM4NB65CZ C0
TO-220
50pcs / Tube
TSM4NB65CZ C0G
TO-220
50pcs / Tube
TSM4NB65CI C0
ITO-220
50pcs / Tube
TSM4NB65CI C0G
ITO-220
50pcs / Tube
TSM4NB65CH C5G
TO-251
75pcs / Tube
TSM4NB65CP ROG
TO-252
2.5kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br
+ Cl) and <1000ppm antimony compounds
Absolute Maximum Ratings (TC = 25℃ unless otherwise noted)
Parameter
Symbol
Limit
Unit
IPAK/DPAK
ITO-220
TO-220
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
Tc = 25
℃
ID
4
A
Tc = 100
℃
2.4
A
Pulsed Drain Current
(Note 2)
IDM
16
A
Single Pulse Avalanche Energy
(Note 3)
EAS
31.2
mJ
Total Power Dissipation @ TC = 25℃
PTOT
50
25
70
W
Operating Junction Temperature
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM4NB65CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60 Datasheet
382Kb / 10P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60 Datasheet
1Mb / 11P
600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
382Kb / 10P
600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
1Mb / 11P
600V N-Channel Power MOSFET
More results

Similar Description - TSM4NB65CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com