Electronic Components Datasheet Search
  English  ▼

X  

TSM10N80 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM10N80
Description  800V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM10N80 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM10N80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM10N80 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM10N80
800V N-Channel Power MOSFET
2/8
Version: C14
Electrical Specifications (TJ=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
800
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 4.75A
RDS(ON)
--
0.9
1.05
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 800V, VGS = 0V
IDSS
--
--
10
µA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transconductance
VDS = 30V, ID = 4.75A
gfs
--
6.3
--
S
Diode Forward Voltage
IS = 9.5A, VGS = 0V
VSD
--
--
1.5
V
Dynamic
(Note 6)
Total Gate Charge
VDS = 640V, ID = 9.5A,
VGS = 10V
Qg
--
53
--
nC
Gate-Source Charge
Qgs
--
10
--
Gate-Drain Charge
Qgd
--
23
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
2336
--
pF
Output Capacitance
Coss
--
214
--
Reverse Transfer Capacitance
Crss
--
29
--
Switching
(Note 7)
Turn-On Delay Time
VGS = 10V, ID = 9.5A,
VDD = 400V, RG = 25Ω
td(on)
--
63
--
ns
Turn-On Rise Time
tr
--
62
--
Turn-Off Delay Time
td(off)
--
256
--
Turn-Off Fall Time
tf
--
72
--
Reverse Recovery Time
VGS = 0V, IS = 9.5A,
dIF/dt = 100A/us
tfr
--
450
--
ns
Reverse Recovery Charge
Qfr
--
5.3
--
µC
Notes:
1.
Limited by maximum junction temperature
2.
VDD = 50V, IAS=10A, L=5mH, RG=25Ω
3.
ISD ≤9.5A, di/dt ≤ 200A/µs, VDD ≤ BV
4.
Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
5.
Pulse test: pulse width ≤300µs, duty cycle ≤2%
6.
For design reference only, not subject to production testing.
7.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com