Electronic Components Datasheet Search
  English  ▼

X  

TSM12N65 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM12N65
Description  650V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM12N65 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM12N65 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM12N65 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM12N65
650V N-Channel Power MOSFET
2/8
Version: A10
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
650
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 6A
RDS(ON)
--
0.68
0.8
Ω
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
IDSS
--
--
1
uA
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Forward Transfer Conductance
VDS = 10V, ID = 6A
gfs
--
10
--
S
Dynamic
b
Total Gate Charge
VDS = 480V, ID = 12A,
VGS = 10V
Qg
--
41
--
nC
Gate-Source Charge
Qgs
--
13
--
Gate-Drain Charge
Qgd
--
10.5
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
2162
--
pF
Output Capacitance
Coss
--
183
--
Reverse Transfer Capacitance
Crss
--
14.6
--
Switching
c
Turn-On Delay Time
VGS = 10V, ID = 12A,
VDD = 300V, RG =25Ω
td(on)
--
30
--
nS
Turn-On Rise Time
tr
--
85
--
Turn-Off Delay Time
td(off)
--
140
--
Turn-Off Fall Time
tf
--
90
--
Source-Drain Diode Ratings and Characteristic
Source Current
Integral reverse diode in
the MOSFET
IS
--
--
12
A
Source Current (Pulse)
ISM
--
--
48
A
Diode Forward Voltage
IS = 12A, VGS = 0V
VSD
--
--
1.4
V
Reverse Recovery Time
VGS = 0V, IS =12A,
dIF/dt = 100A/us
tfr
--
510
--
nS
Reverse Recovery Charge
Qfr
--
4.3
--
uC
Note 1: Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
Note 2: V
DD = 50V, IAS=12A, L=3.5mH, RG =25Ω, Starting TJ=25ºC
Note 3: Pulse test: pulse width ≤300uS, duty cycle ≤2%
Note 4: Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com