Electronic Components Datasheet Search
  English  ▼

X  

LTC1657 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1657
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657 Datasheet(HTML) 5 Page - Linear Technology

  LTC1657 Datasheet HTML 1Page - Linear Technology LTC1657 Datasheet HTML 2Page - Linear Technology LTC1657 Datasheet HTML 3Page - Linear Technology LTC1657 Datasheet HTML 4Page - Linear Technology LTC1657 Datasheet HTML 5Page - Linear Technology LTC1657 Datasheet HTML 6Page - Linear Technology LTC1657 Datasheet HTML 7Page - Linear Technology LTC1657 Datasheet HTML 8Page - Linear Technology LTC1657 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1657
WR (Pin 1): Write Input (Active Low). Used with CSMSB
and/or CSLSB to control the input registers. While WR and
CSMSB and/or CSLSB are held low, data writes into the
input register.
CSLSB (Pin 2): Chip Select Least Significant Byte (Active
Low). Used with WR to control the LSB 8-bit input regis-
ters. While WR and CSLSB are held low, the LSB byte
writes into the LSB input register. Can be connected to
CSMSB for simultaneous loading of both sets of input
latches on a 16-bit bus.
CSMSB (Pin 3): Chip Select Most Significant Byte (Active
Low). Used with WR to control the MSB 8-bit input
registers. While WR and CSMSB are held low, the MSB
byte writes into the MSB input register. Can be connected
to CSLSB for simultaneous loading of both sets of input
latches on a 16-bit bus.
D0 to D7 (Pins 4 to 11): Input data for the Least Significant
Byte. Written into LSB input register when WR = 0 and
CSLSB = 0.
D8 to D15 (Pins 12 to 19): Input data for the Most Signifi-
cant Byte. Written into MSB input register when WR = 0
and CSMSB = 0.
GND (Pin 20): Ground.
REFLO (Pin 21): Lower input terminal of the DAC’s inter-
nal resistor ladder. Typically connected to Analog Ground.
An input code of (0000)H will connect the positive input of
PIN FUNCTIONS
the output buffer to this end of the ladder. Can be used to
offset the zero scale above ground.
REFHI (Pin 22): Upper input terminal of the DAC’s internal
resistor ladder. Typically connected to REFOUT. An input
code of (FFFF)H will connect the positive input of the
output buffer to 1LSB below this voltage.
REFOUT (Pin 23): Output of the internal 2.048V reference.
Typically connected to REFHI to drive internal DAC resistor
ladder.
VCC (Pin 24): Positive Power Supply Input. 4.5V ≤ VCC ≤
5.5V. Requires a 0.1
µF bypass capacitor to ground.
VOUT (Pin 25): Buffered DAC Output.
X1/X2 (Pin 26): Gain Setting Resistor Pin. Connect to GND
for G = 2 or to VOUT for G = 1. This pin should always be
tied to a low impedance source, such as ground or VOUT,
to ensure stability of the output buffer when driving
capacitive loads.
CLR (Pin 27): Clear Input (Asynchronous Active Low). A
low on this pin asynchronously resets all input and DAC
registers to 0s.
LDAC (Pin 28): Load DAC (Asynchronous Active Low).
Used to asynchronously transfer the contents of the input
registers to the DAC register which updates the output
voltage. If held low, the DAC register loads data from the
input registers which will immediately update VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com