Electronic Components Datasheet Search
  English  ▼

X  

LTC1657C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1657C
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657C Datasheet(HTML) 3 Page - Linear Technology

  LTC1657C Datasheet HTML 1Page - Linear Technology LTC1657C Datasheet HTML 2Page - Linear Technology LTC1657C Datasheet HTML 3Page - Linear Technology LTC1657C Datasheet HTML 4Page - Linear Technology LTC1657C Datasheet HTML 5Page - Linear Technology LTC1657C Datasheet HTML 6Page - Linear Technology LTC1657C Datasheet HTML 7Page - Linear Technology LTC1657C Datasheet HTML 8Page - Linear Technology LTC1657C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1657
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded, REFOUT tied to REFHI,
REFLO tied to GND, X1/X2 tied to GND, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: External reference REFHI = 2.2V. VCC = 5V.
Note 3: Nonlinearity is defined from code 128 to code 65535 (full scale).
See Applications Information.
Note 4: Digital inputs at 0V or VCC.
Note 5: DAC switched between all 1s and all 0s.
Note 6: Guaranteed by design. Not subject to test.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Performance
Voltage Output Slew Rate
(Note 5)
q
±0.3
±0.7
V/
µs
Voltage Output Settling Time
(Note 5) to 0.0015% (16-Bit Settling Time)
20
µs
(Note 5) to 0.012% (13-Bit Settling Time)
10
µs
Digital Feedthrough
0.3
nV •s
Midscale Glitch Impulse
DAC Switch Between 8000H and 7FFFH
8nV •s
Output Voltage Noise Spectral Density
At 1kHz
250
nV/
√Hz
Digital I/O
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
VOH
Digital Output High Voltage
q
VCC – 1
V
VOL
Digital Output Low Voltage
q
0.4
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
µA
CIN
Digital Input Capacitance
(Note 6)
10
pF
Switching Characteristics
tCS
CS (MSB or LSB) Pulse Width
q
40
ns
tWR
WR Pulse Width
q
40
ns
tCWS
CS to WR Setup
q
0ns
tCWH
CS to WR Hold
q
0ns
tDWS
Data Valid to WR Setup
q
40
ns
tDWH
Data Valid to WR Hold
q
0ns
tLDAC
LDAC Pulse Width
q
40
ns
tCLR
CLR Pulse Width
q
40
ns
Reference Output (REFOUT)
Reference Output Voltage
q
2.036
2.048
2.060
V
Reference Output
15
ppm/
°C
Temperature Coefficient
Reference Line Regulation
VCC = 4.5V to 5.5V
q
±1.5
mV/V
Reference Load Regulation
Measured at IOUT = 100µA
q
5
mV/A
Short-Circuit Current
REFOUT Shorted to GND
q
50
100
mA
Reference Input
REFHI, REFLO Input Range
(Note 6) See Applications Information
X1/X2 Tied to VOUT
q
0VCC – 1.5
V
X1/X2 Tied to GND
q
0VCC/2
V
REFHI Input Resistance
q
16
25
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com