Electronic Components Datasheet Search
  English  ▼

X  

LTC1655CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1655CS8
Description  16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1655CS8 Datasheet HTML 4Page - Linear Technology LTC1655CS8 Datasheet HTML 5Page - Linear Technology LTC1655CS8 Datasheet HTML 6Page - Linear Technology LTC1655CS8 Datasheet HTML 7Page - Linear Technology LTC1655CS8 Datasheet HTML 8Page - Linear Technology LTC1655CS8 Datasheet HTML 9Page - Linear Technology LTC1655CS8 Datasheet HTML 10Page - Linear Technology LTC1655CS8 Datasheet HTML 11Page - Linear Technology LTC1655CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1655
© LINEAR TECHNOLOGY CORPORATION 1998
1655f LT/TP 0399 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER DESCRIPTION
COMMENTS
LTC1257
Single 12-Bit VOUT DAC, Full Scale: 2.048V, VCC: 4.75V to 15.75V,
5V to 15V Single Supply, Complete VOUT DAC in
Reference Can Be Overdriven Up to 12V, i.e., FSMAX = 12V
SO-8 Package
LTC1446/
Dual 12-Bit VOUT DACs in SO-8 Package
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1448
Dual 12-Bit VOUT DAC, VCC: 2.7V to 5.5V
Output Swings from GND to REF. REF Input Can Be Tied to VCC
LTC1450/
Single 12-Bit VOUT DACs with Parallel Interface
LTC1450: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1450L
LTC1450L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1451
Single Rail-to-Rail 12-Bit DAC, Full Scale: 4.095V, VCC: 4.5V to 5.5V,
5V, Low Power Complete VOUT DAC in SO-8 Package
Internal 2.048V Reference Brought Out to Pin
LTC1452
Single Rail-to-Rail 12-Bit VOUT Multiplying DAC, VCC: 2.7V to 5.5V
Low Power, Multiplying VOUT DAC with Rail-to-Rail
Buffer Amplifier in SO-8 Package
LTC1453
Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 2.5V, VCC: 2.7V to 5.5V 3V, Low Power, Complete VOUT DAC in SO-8 Package
LTC1454/
Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality
LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1454L
LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1456
Single Rail-to-Rail Output 12-Bit DAC with Clear Pin,
Low Power, Complete VOUT DAC in SO-8
Full Scale: 4.095V, VCC: 4.5V to 5.5V
Package with Clear Pin
LTC1458/
Quad 12 Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1458L
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1650
Single 16-Bit VOUT Industrial DAC in 16-Pin SO, VCC = ±5V
Low Power, Deglitched, 4-Quadrant Mulitplying VOUT
DAC, Output Swing
±4.5V
LTC1658
Single Rail-to-Rail 14-Bit VOUT DAC in 8-Pin MSOP,
Low Power, Multiplying VOUT DAC in MS8 Package. Output
VCC = 2.7V to 5.5V
Swings from GND to REF. REF Input Can Be Tied to VCC
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in 8-Pin MSOP,
Low Power, Multiplying VOUT DAC in MS8 Package. Output
VCC = 2.7V to 5.5V
Swings from GND to REF. REF Input Can Be Tied to VCC
RELATED PARTS
TYPICAL APPLICATION
This circuit shows a digitally programmable current source
from an external voltage source using an external op amp,
an LT1077 and an NPN transistor (2N3440). Any digital
word from 0 to 65535 is loaded into the LTC1655 and its
output correspondingly swings from 0V to 4.096V. In the
configuration shown, R1, R2 resistively divide down the
LTC1655 output voltage. This divided voltage will be
forced across the resistor RA. If RA is chosen to be 205Ω,
the output current will range from 0mA at zero scale to
10mA at full scale. The minimum voltage for VS is deter-
mined by the load resistor RL and Q1’s VCESAT voltage.
With a load resistor of 50
Ω, the voltage source can be as
low as 3.3V.
Digitally Programmable Current Source
CLK
DIN
CS/LD
0.1
µF
VCC
VOUT
GND
5V
LTC1655
µP
1655 TA04
–
+
LT1077
VS + 3.3V TO 100V
FOR RL ≤ 50Ω
Q1
2N3440
RA
205
Ω
1%
RL
IOUT =
•
≈ 0mA TO 10mA
R1
100k
1%
R2
100k
1%
1
2
(DIN)(4.096)
(65536)(RA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com