Electronic Components Datasheet Search
  English  ▼

X  

LTC1665C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1665C
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1665C Datasheet HTML 2Page - Linear Technology LTC1665C Datasheet HTML 3Page - Linear Technology LTC1665C Datasheet HTML 4Page - Linear Technology LTC1665C Datasheet HTML 5Page - Linear Technology LTC1665C Datasheet HTML 6Page - Linear Technology LTC1665C Datasheet HTML 7Page - Linear Technology LTC1665C Datasheet HTML 8Page - Linear Technology LTC1665C Datasheet HTML 9Page - Linear Technology LTC1665C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1665/LTC1660
TYPICAL PERFOR A CE CHARACTERISTICS (LTC1660)
Load Regulation vs Output Current
Load Regulation vs Output Current
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
CODE
0
256
512
768
1023
1665/60 G12
2.5
2.0
1.5
1.0
0.5
0
– 0.5
–1.0
–1.5
– 2.0
– 2.5
VCC = 5V
VREF = 4.096V
CODE
0
256
512
768
1023
1665/60 G13
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 5V
VREF = 4.096V
IOUT (mA)
–2
–1
0
1
2
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
1665/60 G14
VCC = VREF = 5V
CODE = 512
SINK
SOURCE
IOUT (µA)
–500
0
500
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
1665/60 G15
SINK
SOURCE
VCC = VREF = 3V
CODE = 512
Load Regulation vs Output Current
Load Regulation vs Output Current
IOUT (mA)
–2
–1
0
1
2
0.5
0.25
0
–0.25
–0.5
1665/60 G10
VCC = VREF = 5V
CODE = 128
SINK
SOURCE
IOUT (µA)
–500
0
500
0.5
0.25
0
–0.25
–0.5
1665/60 G11
SINK
SOURCE
VCC = VREF = 3V
CODE = 128
TYPICAL PERFOR A CE CHARACTERISTICS (LTC1665)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com