Electronic Components Datasheet Search
  English  ▼

X  

LTC1689 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1689
Description  100Mbps RS485 Hot Swapable Quad Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1689 Datasheet(HTML) 5 Page - Linear Technology

  LTC1689 Datasheet HTML 1Page - Linear Technology LTC1689 Datasheet HTML 2Page - Linear Technology LTC1689 Datasheet HTML 3Page - Linear Technology LTC1689 Datasheet HTML 4Page - Linear Technology LTC1689 Datasheet HTML 5Page - Linear Technology LTC1689 Datasheet HTML 6Page - Linear Technology LTC1689 Datasheet HTML 7Page - Linear Technology LTC1689 Datasheet HTML 8Page - Linear Technology LTC1689 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1688/LTC1689
PIN FUNCTIONS
DI1 (Pin 1): Driver 1 Input. Do not float.
DO1A (Pin 2): Driver 1 Noninverting Output.
DO1B (Pin 3): Driver 1 Inverting Output.
EN (Pin 4, LTC1688): High True Enable Pin, enables all
four drivers. A low on Pin 4 and a high on Pin 12 will put
all driver outputs into a high impedance state. See
Function Tables for details. Do not float.
EN12 (Pin 4, LTC1689): Enables Drivers 1 and 2. A low on
Pin 4 will put the outputs of drivers 1 and 2 into a high
impedance state. See Function Tables for details. Do not
float.
DO2B (Pin 5): Driver 2 Inverting Output.
DO2A (Pin 6): Driver 2 Noninverting Output.
DI2 (Pin 7): Driver 2 Input. Do not float.
GND (Pin 8): Ground Connection. A good ground plane is
recommended for all applications.
DI3 (Pin 9): Driver 3 Input. Do not float.
DO3A (Pin 10): Driver 3 Noninverting Output.
DO3B (Pin 11): Driver 3 Inverting Output.
ENB (Pin 12, LTC1688): Low True Enable Pin, enables all
four drivers. A low on Pin 4 and a high on Pin 12 will put
all driver outputs into a high impedance state. See
Function Tables for details. Do not float.
EN34 (Pin 12, LTC1689): Enables Drivers 3 and 4. A low
on Pin 12 will put the outputs of drivers 3 and 4 into a high
impedance state. See Function Tables for details. Do not
float.
DO4B (Pin 13): Driver 4 Inverting Output.
DO4A (Pin 14): Driver 4 Noninverting Output.
DI4 (Pin 15): Driver 4 Input. Do not float.
VDD (Pin 16): Power Supply Input. This pin should be
bypassed with a 0.1
µF ceramic capacitor as close to the
pin as possible. Recommended: VDD = 3V to 5.25V.
FU CTIO TABLES
LTC1688
INPUTS
OUTPUTS
DI
EN
ENB
OUTA
OUTB
HH
X
H
L
LH
X
L
H
HX
L
H
L
LX
L
L
H
X
L
H
HI-Z
HI-Z
LTC1689
INPUTS
OUTPUTS
DI
EN12/EN34
OUTA
OUTB
HH
H
L
LH
L
H
X
L
HI-Z
HI-Z
1688/89 TC03
OUTPUT
UNDER TEST
CL
S1
500
DD
V
Ω
S2
1688/89 TC01
A
B
R
R
OD
V
OC
V
Figure 1. Driver DC Test Load
Figure 3. Driver Timing Test Load
DRIVER
1688/89 TC02
ENB (EN34)
DI
A
B
EN (EN12)
RDIFF
CL1
CL2
Figure 2. Driver Timing Test Circuit
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com