Electronic Components Datasheet Search
  English  ▼

X  

DUV265-CHIP Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # DUV265-CHIP
Description  Deep Ultraviolet Light Emission Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DUV265-CHIP Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  DUV265-CHIP Datasheet HTML 1Page - Roithner LaserTechnik GmbH DUV265-CHIP Datasheet HTML 2Page - Roithner LaserTechnik GmbH DUV265-CHIP Datasheet HTML 3Page - Roithner LaserTechnik GmbH DUV265-CHIP Datasheet HTML 4Page - Roithner LaserTechnik GmbH DUV265-CHIP Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.roithner-laser.com
1
DUV265-CHIP
• Deep Ultraviolet Light Emission Source
• 265 nm, 0.9 mW
• Naked Bare Die
• Flip chip type
• Beam angle 144 deg.
Maximum Rating (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Forward Current (TA=25°C)
IF
40
mA
Reverse Current (VR=5V)
IR
100
µA
Reverse Voltage (IR=10µA)
VR
5
V
Operating Temperature
TOPR
- 30
+ 80
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Soldering Temperature (max. 5s)
TSOL
+ 300
°C
Electro-Optical Characteristics (T
CASE = 25°C, IF =20 mA)
Parameter
Symbol
Values
Unit
min.
Typ.
Max.
Peak Wavelength
λP
260
265
270
nm
Radiated Power
PO
0.6
0.9
mW
Spectral Width (FWHM)
∆λ
10
nm
Forward Voltage
VF
10
10.5
V
Viewing Angle
2Ө1/2
144
deg.
Thermal resistance
R
ӨJ-REF
190
°C/W
Rise time*
tR
/
ns
Fall time*
tF
/
ns
* frequency=100kHz, duty cycle=1%, IFP=200mA
Description
DUV265-CHIP
is an AlGaN based DEEP-UV LED emission source, that is available as bare chip die, and in two different
submount configurations. DUV265-CHIP is of Flip Chip type without any bonding wires obscuring the emitting area.
rev.2.0 07.05.15


Similar Part No. - DUV265-CHIP

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DUV280-CHIP ROITHNER-DUV280-CHIP Datasheet
1Mb / 5P
Deep Ultraviolet Light Emission Source
More results

Similar Description - DUV265-CHIP

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP260 ROITHNER-UVTOP260 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP295 ROITHNER-UVTOP295 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP335 ROITHNER-UVTOP335 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
DUV325-CHIP ROITHNER-DUV325-CHIP Datasheet
913Kb / 5P
Deep Ultraviolet Light Emission Source
DUV340-CHIP ROITHNER-DUV340-CHIP Datasheet
962Kb / 5P
Deep Ultraviolet Light Emission Source
DUV-FW5 ROITHNER-DUV-FW5 Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18M ROITHNER-DUV-HL18M Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18W ROITHNER-DUV-HL18W Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL46N ROITHNER-DUV-HL46N Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
UVTOP270-SMD ROITHNER-UVTOP270-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com