Electronic Components Datasheet Search
  English  ▼

X  

DUV280-CHIP Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # DUV280-CHIP
Description  Deep Ultraviolet Light Emission Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DUV280-CHIP Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  DUV280-CHIP Datasheet HTML 1Page - Roithner LaserTechnik GmbH DUV280-CHIP Datasheet HTML 2Page - Roithner LaserTechnik GmbH DUV280-CHIP Datasheet HTML 3Page - Roithner LaserTechnik GmbH DUV280-CHIP Datasheet HTML 4Page - Roithner LaserTechnik GmbH DUV280-CHIP Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.roithner-laser.com
5
Device Materials
Pin #
Material
-
-
Anode
Au plated
Cathode
Au plated
Submount
Si
Precautions
Static Electricity:
LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken when handling or
operating these LEDs. Surge voltage or electrostatic discharge can result in complete failure of the device.
UV-Radiation:
During operation these LEDs do emit high intensity ultraviolet light, which is hazardous to skin and eyes, and may
cause cancer. Do avoid exposure to the emitted UV light. Protective glasses are recommended. It is further advised
to attach a warning label on products/systems that do utilize UV-LEDs:
Operation:
Do only operate LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated drive circuits is
mandatory
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice
Class 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com