Electronic Components Datasheet Search
  English  ▼

X  

LTC1665IN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1665IN
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665IN Datasheet(HTML) 2 Page - Linear Technology

  LTC1665IN Datasheet HTML 1Page - Linear Technology LTC1665IN Datasheet HTML 2Page - Linear Technology LTC1665IN Datasheet HTML 3Page - Linear Technology LTC1665IN Datasheet HTML 4Page - Linear Technology LTC1665IN Datasheet HTML 5Page - Linear Technology LTC1665IN Datasheet HTML 6Page - Linear Technology LTC1665IN Datasheet HTML 7Page - Linear Technology LTC1665IN Datasheet HTML 8Page - Linear Technology LTC1665IN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1665/LTC1660
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 150°C/W (GN)
TJMAX = 125°C, θJA = 100°C/W (N)
Consult factory for Military grade parts.
(Note 1)
VCC to GND .............................................. –0.2V to 7.5V
Logic Inputs to GND ................................ – 0.2V to 7.5V
VOUT A, VOUT B…VOUT H,
REF to GND ................................. – 0.2V to (VCC + 0.2V)
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range
LTC1665C/LTC1660C ............................ 0
°C to 70°C
LTC1665I/LTC1660I .......................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
LTC1665CGN
LTC1665CN
LTC1665IGN
LTC1665IN
LTC1660CGN
LTC1660CN
LTC1660IGN
LTC1660IN
GN PART MARKING
1665
1665I
1660
1660I
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
DOUT
DIN
ELECTRICAL C
C
HARA TERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications
are at TA = 25°C. VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
LTC1665
LTC1660
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Resolution
q
8
10
Bits
Monotonicity
VREF ≤ VCC – 0.1V (Note 2)
q
8
10
Bits
DNL
Differential Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
q
±0.1
±0.5
±0.2
±0.75
LSB
INL
Integral Nonlinearity
VREF ≤ VCC – 0.1V (Note 2)
q
±0.2
±1.0
±0.6
±2.5
LSB
VOS
Offset Error
(Note 7)
q
±10
±30
±10
±30
mV
VOS Temperature Coefficient
q
±15
±15
µV/°C
FSE
Full-Scale Error
VCC = 5V, VREF = 4.096V
q
±1
±4
±3
±15
LSB
Full-Scale Error Temperature Coefficient
q
±30
±30
µV/°C
PSR
Power Supply Rejection
VREF = 2.5V
0.045
0.18
LSB/V
SYMBOL
PARAMETER
CONDITONS
MIN
TYP
MAX
UNITS
Reference Input
Input Voltage Range
q
0VCC
V
Resistance
Not in Sleep Mode
q
35
65
k
Ω
Capacitance
(Note 6)
15
pF
IREF
Reference Current
Sleep Mode
q
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
q
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
q
450
730
µA
VCC = 3V (Note 3)
q
340
550
µA
Sleep Mode (Note 3)
q
13
µA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications
are at TA = 25°C. VCC = 2.7V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com