Electronic Components Datasheet Search
  English  ▼

X  

LTC1694 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1694
Description  SMBus/I2C Accelerator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1694 Datasheet(HTML) 7 Page - Linear Technology

  LTC1694 Datasheet HTML 1Page - Linear Technology LTC1694 Datasheet HTML 2Page - Linear Technology LTC1694 Datasheet HTML 3Page - Linear Technology LTC1694 Datasheet HTML 4Page - Linear Technology LTC1694 Datasheet HTML 5Page - Linear Technology LTC1694 Datasheet HTML 6Page - Linear Technology LTC1694 Datasheet HTML 7Page - Linear Technology LTC1694 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1694
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
Dimensions in inches (millimeters) unless otherwise noted.
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
ACK Data Setup Time
The data setup time requirement for ACK (acknowledge)
must be fulfilled if a high value of RS is used. An acknowl-
edge is accomplished by the SMBus host releasing the
SDA line (pulling high) at the end of the last bit sent and the
SMBus slave device pulling the SDA line low before the
rising edge of the ACK clock pulse.
The LTC1694 2.2mA boosted pull-up current is activated
when the SMBus host releases the SDA line, allowing the
voltage to rise above the LTC1694’s comparator threshold
of 0.65V. If an SMBus slave device has a high value of RS,
a longer time is required for this SMBus slave device to pull
SDA low before the rising edge of the ACK clock pulse.
To ensure sufficient data setup time for ACK, SMBus slave
devices, with high values of RS, should pull the SDA low
earlier. Typically, a minimum setup time of 1.5
µsisneeded
for an SMBus device with an RS of 700Ω and a bus
capacitance of 200pF.
An alternative is that the SMBus slave device can hold SCL
line low until the SDA line reaches a stable state. Then, SCL
can be released to generate the ACK clock pulse.
APPLICATIO S I FOR ATIO
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com