Electronic Components Datasheet Search
  English  ▼

X  

LTC1702 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1702
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 1 Page - Linear Technology

  LTC1702 Datasheet HTML 1Page - Linear Technology LTC1702 Datasheet HTML 2Page - Linear Technology LTC1702 Datasheet HTML 3Page - Linear Technology LTC1702 Datasheet HTML 4Page - Linear Technology LTC1702 Datasheet HTML 5Page - Linear Technology LTC1702 Datasheet HTML 6Page - Linear Technology LTC1702 Datasheet HTML 7Page - Linear Technology LTC1702 Datasheet HTML 8Page - Linear Technology LTC1702 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
LTC1702
Dual 550kHz Synchronous
2-Phase Switching Regulator Controller
The LTC
®1702 is a dual switching regulator controller opti-
mized for high efficiency with low input voltages. It includes
two complete, on-chip, independent switching regulator
controllerseachdesignedtodriveapairofexternalN-channel
MOSFET devices in a voltage mode feedback, synchronous
buckconfiguration.TheLTC1702usesaconstant-frequency,
true PWM design switching at 550kHz, minimizing external
component size and cost and maximizing load transient
performance. The synchronous buck architecture automati-
cally shifts to discontinuous and then to Burst Mode
TM
operation as the output load decreases, ensuring maximum
efficiency over a wide range of load currents.
The LTC1702 features an onboard reference trimmed to
0.5% and can provide better than 1% regulation at the
converteroutputs.Open-drainlogicoutputsindicatewhether
either output has risen to within 5% of the final output voltage
and an optional latching FAULT mode protects the load if the
output rises 15% above the intended voltage. Each channel
can be enabled independently; with both channels disabled,
the LTC1702 shuts down and supply current drops below
100
µA.
s
Two Independent Controllers in One Package
s
Two Sides Run Out-of-Phase to Minimize CIN
s
All N-Channel External MOSFET Architecture
s
No External Current Sense Resistors
s
Excellent Output Regulation: 1% Total Output
Accuracy
s
550kHz Switching Frequency Minimizes External
Component Size
s
1A to 25A Output Current per Channel
s
High Efficiency over Wide Load Current Range
s
Quiescent Current Drops Below 100
µA in Shutdown
s
Small 24-Pin Narrow SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
s
Microprocessor Core and I/O Supplies
s
Multiple Logic Supply Generator
s
Distributed Power Applications
s
High Efficiency Power Conversion
Dual Output High Power 3.3V/2.5V Logic Supply
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
LTC1702
PVCC
BOOST1
BG1
TG1
SW1
IMAX1
PGOOD1
FCB
RUN/SS
COMP1
SGND
FB1
IMAX2
BOOST2
BG2
TG2
SW2
PGND
PGOOD2
FAULT
RUN/SS2
COMP2
FB2
VCC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
µF
10
Ω
1
µF
1
µF
27k
27k
1.6k
68k
1702 TA01
VIN
1.2k
10k
1%
COUT1
180
µF
×4
820pF
27pF
680pF
47k
1
µF
VOUT1
2.5V
AT 15A
1
µF
4.75k
1%
Q2
Q1
Q4
Q3
D3
D2
COUT1, COUT2: PANASONIC EEFUE0G181R
CIN: KEMET TS10X337M010AS
D1, D2: MOTOROLA MBR0520LT1
D3, D4: MOTOROLA MBRS320T3
L1, L2: SUMIDA CEP125-1R0
Q1 TO Q8: FAIRCHILD FDS6670A
D1
PWRGD1
L1
1
µH
+
10
µF
10
µF
1
µF
VIN = 5V ±10%
1
µF
CIN
330
µF
×3
+
Q7
Q5
Q8
Q6
D4
680pF
27pF
3300pF
15.8k
1%
4.99k
1%
10k
L2
1
µH
COUT2
180
µF
×4
1
µF
VOUT2
3.3V/15A
PWRGD2
FAULT
+
VIN
10k


Similar Part No. - LTC1702

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702 LINER-LTC1702 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1702ACGN LINER-LTC1702ACGN Datasheet
416Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702AIGN LINER-LTC1702AIGN Datasheet
416Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results

Similar Description - LTC1702

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728 LINER-LTC3728 Datasheet
676Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com