Electronic Components Datasheet Search
  English  ▼

X  

DUV-SML Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # DUV-SML
Description  Deep Ultraviolet Light Emission Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DUV-SML Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  DUV-SML Datasheet HTML 1Page - Roithner LaserTechnik GmbH DUV-SML Datasheet HTML 2Page - Roithner LaserTechnik GmbH DUV-SML Datasheet HTML 3Page - Roithner LaserTechnik GmbH DUV-SML Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
DUV-SML
• Deep Ultraviolet Light Emission Source
• 280, 310, 325, 340 nm
• Ceramic 3838 SMD package
• Resin dome lens
• Beam angle 142 deg.
* frequency=100kHz, duty cycle=1%, IFP=200mA
Description
DUV-SML is a series of AlGaN based single emitter DEEP-UV LEDs in a ceramic 3838 SMD package, and can be delivered on
tape. It features a resin dome lens. DUV-SML is available from 280 nm up to 340 nm peak wavelength with an optical output
power of typically 1.9 mW.
Maximum Rating (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Forward Current (TA=25°C)
IF
40
mA
Operating Temperature
TOPR
- 20
+ 80
°C
Storage Temperature
TSTG
- 30
+ 85
°C
Soldering Temperature (max. 5s)
TSOL
+ 260
°C
Electro-Optical Characteristics (T
CASE = 25°C, IF =20 mA)
Parameter
Symbol
DUV280
-SML
DUV310
-SML
DUV325
-SML
DUV340
-SML
Unit
Peak Wavelength
λP
280 ±5
310 ±5
325 ±5
340 ±5
nm
Radiated Power
PO
2.2
2.6
2.5
1.9
mW
Spectral Width (FWHM)
∆λ
11
9
8
9
nm
Forward Voltage
VF
7
6.5
5
4
V
Reverse Voltage (IR=10µA)
VR
>2
>10
>10
>10
V
Reverse Current (VR=5V)
IR
<200
<1
<1
<1
µA
Viewing Angle
2Ө1/2
142
deg.
Thermal resistance
R
ӨJ-REF
190
°C/W
Rise time*
tR
/
16
20
12
ns
Fall time*
tF
/
8
9
9
ns
rev.2.0 06.05.15


Similar Part No. - DUV-SML

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DUV-SMD ROITHNER-DUV-SMD Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
More results

Similar Description - DUV-SML

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVTOP260 ROITHNER-UVTOP260 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP295 ROITHNER-UVTOP295 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
UVTOP335 ROITHNER-UVTOP335 Datasheet
1Mb / 6P
Deep Ultraviolet Light Emission Source
DUV325-CHIP ROITHNER-DUV325-CHIP Datasheet
913Kb / 5P
Deep Ultraviolet Light Emission Source
DUV340-CHIP ROITHNER-DUV340-CHIP Datasheet
962Kb / 5P
Deep Ultraviolet Light Emission Source
DUV-FW5 ROITHNER-DUV-FW5 Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18M ROITHNER-DUV-HL18M Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL18W ROITHNER-DUV-HL18W Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
DUV-HL46N ROITHNER-DUV-HL46N Datasheet
1Mb / 4P
Deep Ultraviolet Light Emission Source
UVTOP270-SMD ROITHNER-UVTOP270-SMD Datasheet
1Mb / 6P
deep ultraviolet light emission source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com