Electronic Components Datasheet Search
  English  ▼

X  

LTC1703CG Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1703CG
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703CG Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1703CG Datasheet HTML 26Page - Linear Technology LTC1703CG Datasheet HTML 27Page - Linear Technology LTC1703CG Datasheet HTML 28Page - Linear Technology LTC1703CG Datasheet HTML 29Page - Linear Technology LTC1703CG Datasheet HTML 30Page - Linear Technology LTC1703CG Datasheet HTML 31Page - Linear Technology LTC1703CG Datasheet HTML 32Page - Linear Technology LTC1703CG Datasheet HTML 33Page - Linear Technology LTC1703CG Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
LTC1703
capacitors and/or paralleling multiple capacitors at the
output. The capacitance value accounts for the rest of the
voltage drop until the inductor current rises. With most
output capacitors, several devices paralleled to get the
ESR down will have so much capacitance that this drop
term is negligible. Ceramic capacitors are an exception; a
small ceramic capacitor can have suitably low ESR with
relatively small values of capacitance, making this second
drop term significant.
Optimizing Loop Compensation
Loop compensation has a fundamental impact on tran-
sient recovery time, the time it takes the LTC1703 to
recover after the output voltage has dropped due to output
capacitor ESR. Optimizing loop compensation entails
maintaining the highest possible loop bandwidth while
ensuring loop stability. The Feedback Component Selec-
tion section describes in detail how to design an optimized
feedback loop, appropriate for most LTC1703 systems.
Voltage Positioning
If the load transients consist primarily of load steps from
near zero load to full load and back, the transient response
can be traded off against DC regulation performance by
using a technique known as “voltage positioning.” The
goal is to intentionally compromise the DC regulation loop
such that the output rides near the maximum allowable
value (often +5%) with no load and near the minimum
allowable value at maximum load. With the load at zero,
any transient that comes along will be a current increase
which will cause the output voltage to fall. Since the output
voltage is initially at a high value, it can fall further before
it goes out of spec. Similarly, at full load, the output current
can only decrease, causing a positive shift in the output
voltage; the initial low value allows it to rise further before
the spec is exceeded. The primary benefit of voltage
positioning is it increases the allowable ESR of the output
capacitors, saving cost. An additional bonus is that at
maximum load, the output voltage is near the minimum
allowable, decreasing the power dissipated in the load.
Implementing voltage positioning is as simple as creating
an intentional resistance in the output path to generate the
required voltage drop. This resistance can be a low value
resistor, a length of PCB trace, or even the parasitic
resistance of the inductor if an appropriate filter is used. If
the LTC1703 senses the output voltage upstream from the
resistance (Figure 17c), the output voltage will move with
load as I • RVP, where I is the load current and RVP is the
value of the voltage positioning resistor. If the feedback
network is then reset to regulate near the upper edge of the
LTC1703
FB
1703 F17a
1703 F17b
VOUT
VIN
+5%
–5%
NOM
MAX
0
VOUT
LOAD
CURRENT
MAXIMUM
ALLOWABLE
TRANSIENT
Figure 17a. Standard Regulator
Figure 17b. Standard Regulator—Transient Response
LTC1703
FB
1703 F17c
1703 F17d
VOUT
VIN
RVP
+5%
–5%
NOM
MAX
0
VOUT
LOAD
CURRENT
Figure 17c. Voltage Positioning Regulator
Figure 17d. Positioning Regulator—Transient Response
MAXIMUM
ALLOWABLE
TRANSIENT
≈2× FIGURE 17b
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com