| Electronic Components Datasheet Search |
|
LTC1707 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1707 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 16 page ![]() 7 LTC1707 Frequency synchronization is inhibited when the feedback voltage VFB is below 0.6V. This prevents the external clock from interfering with the frequency foldback for short- circuit protection. Dropout Operation When the input supply voltage decreases toward the out- put voltage, the duty cycle increases toward the maximum on-time. Further reduction of the supply voltage forces the main switch to remain on for more than one cycle until it reaches 100% duty cycle. The output voltage will then be determined by the input voltage minus the voltage drop across the P-channel MOSFET and the inductor. In Burst Mode operation or pulse skipping mode operation with the output lightly loaded, the LTC1707 transitions through continuous mode as it enters dropout. Undervoltage Lockout A precision undervoltage lockout shuts down the LTC1707 when VIN drops below 2.7V, making it ideal for single lithium-ion battery applications. In lockout, the LTC1707 draws only several microamperes, which is low enough to prevent deep discharge and possible damage to the lithium- ion battery nearing its end of charge. A 100mV hysteresis ensures reliable operation with noisy input supplies. Low Supply Operation The LTC1707 is designed to operate down to a 2.85V input voltage. At this voltage the converter is most likely to be running at high duty cycles or in dropout where the main switch is on continuously. Hence, the I2R loss is due mainly to the RDS(ON) of the P-channel MOSFET. See Efficiency Considerations in the Applications Information section. Below VIN = 4V, the output current must be derated as shown in Figures 2a and 2b. For applications that require 500mA below VIN = 4V, select the LTC1627. Figure 2a. Maximum Output Current vs Input Voltage (Unsynchronized) INPUT VOLTAGE (V) 2.5 0 200 400 600 6.5 1200 1000 1707 F02a 4.5 3.5 7.5 5.5 8.5 800 TJ = 25°C L = 15 µH VOUT = 5V VOUT = 1.5V VOUT = 2.5V VOUT = 2.9V VOUT = 3.3V VOUT = 1.8V INPUT VOLTAGE (V) 2.5 0 200 400 600 6.5 1200 1000 1707 F02b 4.5 3.5 7.5 5.5 8.5 800 TJ = 25°C L = 15 µH EXT SYNC AT 400kHz VOUT = 5V VOUT = 1.5V VOUT = 2.9V VOUT = 3.3V VOUT = 1.8V VOUT = 2.5V Figure 2b. Maximum Output Current vs Input Voltage (Synchronized) Figure 3. Maximum Inductor Peak Current vs Duty Cycle 0 10 20 30 40 50 60 70 80 90 100 1000 900 800 700 600 500 DUTY CYCLE (%) 1707 F03 WORST-CASE EXTERNAL CLOCK SYNC WITHOUT EXTERNAL CLOCK SYNC VIN = 4V Slope Compensation and Inductor Peak Current Slope compensation provides stability by preventing sub- harmonic oscillations. It works by internally adding a ramp to the inductor current signal at duty cycles in excess of 40%. As a result, the maximum inductor peak current is lower for VOUT/VIN > 0.4 than when VOUT/VIN < 0.4. See the inductor peak current as a function of duty cycle graph in Figure 3. The worst-case peak current reduction occurs OPERATIO |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |