Electronic Components Datasheet Search
  English  ▼

X  

LTC1736C Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1736C
Description  5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1736C Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1736C Datasheet HTML 18Page - Linear Technology LTC1736C Datasheet HTML 19Page - Linear Technology LTC1736C Datasheet HTML 20Page - Linear Technology LTC1736C Datasheet HTML 21Page - Linear Technology LTC1736C Datasheet HTML 22Page - Linear Technology LTC1736C Datasheet HTML 23Page - Linear Technology LTC1736C Datasheet HTML 24Page - Linear Technology LTC1736C Datasheet HTML 25Page - Linear Technology LTC1736C Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1736
to 15A in 100ns or 15A to 0.2A in 100ns. The voltage at the
microprocessor must be held to about
±0.1V of nominal
in spite of these load current steps. Since the control loop
cannot respond this fast, the output capacitors must
supply the load current until the control loop can respond.
Capacitor ESR and ESL primarily determine the amount of
droop or overshoot in the output voltage. Normally, sev-
eral capacitors in parallel are required to meet micropro-
cessor transient requirements.
Active voltage positioning is a form of deregulation. It
sets the output voltage high for light loads and low for
heavy loads. When load current suddenly increases, the
output voltage starts from a level higher than nominal so
the output voltage can droop more and stay within the
specified voltage range. When load current suddenly
decreases the output voltage starts at a level lower than
nominal so the output voltage can have more overshoot
and stay within the specified voltage range. Less output
capacitance is required when voltage positioning is used
because more voltage variation is allowed on the output
capacitors.
Active voltage positioning can be implemented using the
OPTI-LOOP architecture of the LTC1736 with two external
resistors. An input voltage offset is introduced when the
error amplifier has to drive a resistive load. This offset is
limited to
±30mV at the input of the error amplifier. The
resulting change in output voltage is the product of input
offset and the feedback voltage divider ratio.
Figure 6 shows a CPU-core-voltage regulator with active
voltage positioning. Resistors R1 and R5 force the input
voltage offset that sets the output voltage according to the
load current level. To select values for R1 and R5, first
determine the amount of output deregulation allowed. The
actual specification for a typical microprocessor allows
the output to vary
±0.112V. The LTC1736 output voltage
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
COSC
RUN/SS
ITH
FCB
SGND
PGOOD
SENSE –
SENSE +
VFB
VOSENSE
VID0
VID1
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
VIDVCC
VID4
VID3
VID2
LTC1736
C5
1000pF
C6
47pF
VID0
VID1
VID2
VID3
VID4
VID
INPUT
C7 330pF
C3 100pF
C1 39pF
C4 100pF
C2 0.1
µF
POWER
GOOD
R2 100k
R5 100k
R4 100k
R3 680k
R1
27k
+
C10
1
µF
5V (OPTIONAL)
C18
1
µF
C12 TO C14
10
µF
35V
C11
4.7
µF
10V
D1
CMDSH-3
C8
0.1
µF
D2
MBRS340
C9 0.22
µF
M1
FDS6680A
L1
1
µH
R6
0.003
Ω
M2, M3
FDS6680A
×2
1736 F06
C15 TO C17
180
µF/4V
×4
VOUT
0.9V TO 2V
15A
GND
GND
VIN
7.5V TO 24V
+
C10, C18: TAIYO YUDEN JMK107BJ105
C11: KEMET T494A475M010AS
C12 TO C14: TAIYO YUDEN GMK325F106
C15 TO C17: PANASONIC EEFUE0G181R
D1: CENTRAL SEMI CMDSH-3
D2: MOTOROLA MBRS340
L1: PANASONIC ETQP6F1R0SA
M1 TO M3: FAIRCHILD FDS6680A
R6: IRC LRF2512-01-R003-J
U1: LINEAR TECHNOLOGY LTC1736CG
Figure 6. CPU-Core-Voltage Regulator with Active Voltage Positioning
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com