Electronic Components Datasheet Search
  English  ▼

X  

LTC1753CG Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1753CG
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1753CG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1753CG Datasheet HTML 5Page - Linear Technology LTC1753CG Datasheet HTML 6Page - Linear Technology LTC1753CG Datasheet HTML 7Page - Linear Technology LTC1753CG Datasheet HTML 8Page - Linear Technology LTC1753CG Datasheet HTML 9Page - Linear Technology LTC1753CG Datasheet HTML 10Page - Linear Technology LTC1753CG Datasheet HTML 11Page - Linear Technology LTC1753CG Datasheet HTML 12Page - Linear Technology LTC1753CG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1753
Figure 4
Figure 3
Figure 2
OUTEN
PWRGD
FAULT
COMP
SS
SGND
GND
SENSE
10
µF
NC
NC
NC
NC
NC
NC
NC
NC
0.1
µF
VCC
VCC
VCC
VID0 VID1 VID2 VID3 VID4
VID0 VID1 VID2 VID3 VID4
IFB
PVCC
LTC1753
PVCC
G1
IMAX
G2
VFB
1573 F03
0.1
µF
10
µF
+
+
VCC
5V
PVCC
12V
0.1
µF
10
µF
G2 RISE/FALL
G1 RISE/FALL
5000pF
5000pF
SGND
GND
SENSE
10
µF
G2
G1
0.1
µF
VCC
IFB
VFB
NC
VOUT
LTC1753
PVCC
1753 F04
90%
tr
tf
tNOL
tNOL
50%
10%
50%
50%
90%
50%
10%
+
+
OUTEN
PWRGD
FAULT
VID0 TO VID4
COMP
SS
SGND
GND
SENSE
Q1*
NC
NC
Q2*
VCC
IFB
PVCC
12V
VCC
5V
PVCC
VIN
5V
LO†
1.3
µH
15A
LTC1753
VFB
1
µF
1753 F02
CC
4700pF
RC
15k
3k
100pF
0.1
µF
0.1
µF
0.1
µF
10
µF
10
µF
VOUT
+
C1
150pF
3k
+
+
VID0 TO VID4
100pF
+
CIN**
1200
µF
× 4
COUT††
2700
µF
× 5
Q2A*
Q1A*
G1
G2
IMAX
* SILICONIX Si4410
** SANYO 10MV1200GX
† PANASONIC ETQP 6FIR3LFA
†† SANYO 6MV2700GX
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com