Electronic Components Datasheet Search
  English  ▼

X  

TSM60N600CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM60N600CPROG
Description  600V, 8A, 0.6廓 N-Channel Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM60N600CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM60N600CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM60N600CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSM60N600
600V, 8A, 0.6Ω
N-Channel Power MOSFET
2/9
Version: A14
Thermal Performance
Parameter
Symbol
Limit
Unit
ITO-220
IPAK/DPAK
Junction to Case Thermal Resistance
RӨJC
3.9
1.5
oC/W
Junction to Ambient Thermal Resistance
RӨJA
62
oC/W
Electrical Specifications (TJ=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
(Note 4)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
600
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2
3
4
V
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
1
µA
Drain-Source On-State Resistance
VGS = 10V, ID = 4A
RDS(ON)
--
0.49
0.6
Ω
Dynamic
(Note 5)
Total Gate Charge
VDS = 380V, ID = 8A,
VGS = 10V
Qg
--
13
--
nC
Gate-Source Charge
Qgs
--
3
--
Gate-Drain Charge
Qgd
--
4
--
Input Capacitance
VDS = 100V, VGS = 0V,
f = 1.0MHz
Ciss
--
743
--
pF
Output Capacitance
Coss
--
66
--
Gate Resistance
f=1MHz, open drain
Rg
--
3.2
--
Ω
Switching
(Note 6)
Turn-On Delay Time
VDD = 380V,
RGEN = 25Ω,
ID = 8A, VGS = 10V,
td(on)
--
21
--
ns
Turn-On Rise Time
tr
--
15
--
Turn-Off Delay Time
td(off)
--
40
--
Turn-Off Fall Time
tf
--
9
--
Source-Drain Diode
(Note 4)
Forward On Voltage
IS=8A, VGS=0V
VSD
--
--
1.4
V
Reverse Recovery Time
VR=200V, IS=4A
dIF/dt=100A/µs
trr
--
185
--
ns
Reverse Recovery Charge
Qrr
--
1.4
--
µC
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
L=50mH, IAS=2A, VDD=50V, RG=25Ω, Starting TJ=25
oC
4.
Pulse test: PW ≤ 300µs, duty cycle ≤ 2%
5.
For DESIGN AID ONLY, not subject to production testing.
6.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com