Electronic Components Datasheet Search
  English  ▼

X  

UPD77015GC Datasheet(PDF) 10 Page - NEC

Part # UPD77015GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77015GC Datasheet(HTML) 10 Page - NEC

Back Button UPD77015GC Datasheet HTML 6Page - NEC UPD77015GC Datasheet HTML 7Page - NEC UPD77015GC Datasheet HTML 8Page - NEC UPD77015GC Datasheet HTML 9Page - NEC UPD77015GC Datasheet HTML 10Page - NEC UPD77015GC Datasheet HTML 11Page - NEC UPD77015GC Datasheet HTML 12Page - NEC UPD77015GC Datasheet HTML 13Page - NEC UPD77015GC Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
µPD77015, 77017, 77018
10
1.
PIN FUNCTIONS
1.1
Pin Functions
• Power supply
VDD
–
+3V power supply
GND
–
Ground
• System control
Symbol
Pin No.
I/O
Function
X1
85
I
Clock input / crystal connection pin
• The clock signal is connected to X1, when using external
clock for system clock.
X2
84
_
Crystal connection pin
• X2 should be left open when using external clock for
system clock.
CLKOUT
87
O
Internal system clock output
RESET
1
I
Internal system reset signal input
Symbol
Pin No.
I/O
Function
11, 21, 31, 37, 43, 56, 69,
86, 97
10, 20, 30, 36, 42, 55, 68,
83, 96
• Interrupt
Symbol
Pin No.
I/O
Function
INT4 - INT1
2 - 5
I
Maskable external interrupt input
• Falling edge detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com