Electronic Components Datasheet Search
  English  ▼

X  

LTC1998 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1998
Description  2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998 Datasheet(HTML) 4 Page - Linear Technology

  LTC1998 Datasheet HTML 1Page - Linear Technology LTC1998 Datasheet HTML 2Page - Linear Technology LTC1998 Datasheet HTML 3Page - Linear Technology LTC1998 Datasheet HTML 4Page - Linear Technology LTC1998 Datasheet HTML 5Page - Linear Technology LTC1998 Datasheet HTML 6Page - Linear Technology LTC1998 Datasheet HTML 7Page - Linear Technology LTC1998 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1998
4
1998fa
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Supply Current vs
Supply Voltage
Quiescent Supply Current vs
Temperature
Threshold Voltage vs Threshold
Adjust Voltage
Available Hysteresis vs
Threshold Voltage
Threshold Voltage Error vs
Temperature
Input Current vs Temperature
SUPPLY VOLTAGE (V)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1998 G01
TA = 25°C
VLOGIC = VBATT
VTH.A = 0V
VTH.A = 1.5V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
1998 G02
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VBATT = VLOGIC = 3V
VTH.A = 1.5V
THRESHOLD ADJUST VOLTAGE (V)
0
3.5
3.0
2.5
1998 G03
0.5
1.0
1.5
LOW BATTERY THRESHOLD VOLTAGE (V)
2.5
750
500
250
0
1998 G04
2.75
3.0
3.25
TEMPERATURE (°C)
–45
15
55
1998 G05
–25
–5
35
75
95
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VTH.A SET BY 1%
EXTERNAL R,
THRESHOLD = 3V
VTH.A =1V
THRESHOLD = 3V
VTH.A SHORTED
TO GROUND,
THRESHOLD = 2.5V
TEMPERATURE (°C)
35
0.1
1
100
1000
10000
55
75
85
125
1998 G06
10
45
65
95 105 115
VIN = 1.5V
VIN = 0.5V
VIN = 1V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com