Electronic Components Datasheet Search
  English  ▼

X  

LTC1842CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1842CS8
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1842CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1842CS8 Datasheet HTML 4Page - Linear Technology LTC1842CS8 Datasheet HTML 5Page - Linear Technology LTC1842CS8 Datasheet HTML 6Page - Linear Technology LTC1842CS8 Datasheet HTML 7Page - Linear Technology LTC1842CS8 Datasheet HTML 8Page - Linear Technology LTC1842CS8 Datasheet HTML 9Page - Linear Technology LTC1842CS8 Datasheet HTML 10Page - Linear Technology LTC1842CS8 Datasheet HTML 11Page - Linear Technology LTC1842CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1841/LTC1842/LTC1843
184123f LT/TP 1298 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1178/LT1179
Dual/Quad 17
µA Precision Single Supply Op Amps
70
µV Max VOS, 5nA Max IBIAS
LT1351
Single 250
µA, 3MHz, 200V/µs Op Amp with Shutdown
C-Load
TM Op Amp Stable Driving Any Capacitive Load
LT1352/LT1353
Dual/Quad 250
µA, 3MHz, 200V/µs Op Amps
C-Load Op Amps Stable Driving Any Capacitive Load
LTC1440/LTC1540
Micropower Comparator with 1% Reference
1.182V
±1% Reference, ±10mV (Max) Input Offset
LTC1441/LTC1442
Micropower Dual Comparator with 1% Reference
1.182V
±1% Reference (LTC1442)
LTC1443/LTC1444/LTC1445
Micropower Quad Comparator with 1% Reference
LTC1443 Has 1.182V Reference, LTC1444/LTC1445 Have
1.221V Reference and Adjustable Hysteresis
LTC1474
Low Quiescent Current High Efficiency Step-Down
10
µA Standby Current, 92% Efficiency, Space Saving 8-Pin
Switching Regulator
MSOP Package
LT1495
1.5
µA Max, Dual Precision Rail-to-Rail
375
µV Max VOS, 250pA IBIAS, 25pA IOS
Input and Output Op Amp
LT1521
300mA Low Dropout Regulator with Micropower
0.5V Dropout Voltage, 12
µA Quiescent Current, Adjustable
Quiescent Current and Shutdown
Output 3V, 3.3V and 5V Fixed
LTC1541/LTC1542
Micropower Op Amp, Comparator and Reference
1.200V
±0.8% Reference (LTC1541) Op Amp Outputs Stable
with 1000pF Load
LT1634
Micropower Precision Shunt Voltage Reference
1.25V Output, 10
µA Operating Current, 0.1% Initial Accuracy
10ppm/
°C Max Drift
C-Load is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
Low-Battery Load Disconnect and Charge Termination
–
+
–
+
IN A+
1.2M
10k
2.55M
VIN
1-CELL
Li-Ion
BATTERY
453k
1.2M
2M
2M
LBO
AT VIN = 3V
HYST
3
5
IN B–
V –
V +
Si9924DY
FULL CHARGE
AT VIN = 4.2V
LTC1843
2
4
OUT B
1841/43 TA03
8
OUT A 1
7
REF
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com