Electronic Components Datasheet Search
  English  ▼

X  

LTC2400 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2400
Description  24-Bit uPower No Latency ADC in SO-8
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2400 Datasheet HTML 31Page - Linear Technology LTC2400 Datasheet HTML 32Page - Linear Technology LTC2400 Datasheet HTML 33Page - Linear Technology LTC2400 Datasheet HTML 34Page - Linear Technology LTC2400 Datasheet HTML 35Page - Linear Technology LTC2400 Datasheet HTML 36Page - Linear Technology LTC2400 Datasheet HTML 37Page - Linear Technology LTC2400 Datasheet HTML 38Page - Linear Technology LTC2400 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35
LTC2400
TYPICAL APPLICATIONS
VIN
SDO
SCK
CS
3
TYPE
S
6
2
5
4
5V
+
–
2
1
4
5
6
7
5V
10k
60Hz
50Hz
8
VREF
VCC
0.1
µF
GND
LTC2400
FO
2400 F36
VIN
S
LT1025
R–
GND
Figure 37. The LT1025 Complete Cold Junction Solution
A simpler, and potentially less expensive solution is the
use of the LT1025 as shown in Figure 37.
The LT1025 incorporates the functions of temperature
sensor, a precision divider chain required to produce the
appropriate correction for five different types of thermo-
couples, as well as curvature correction. The LT1025 must
be located at the cold junction. The use of a thermal mass
around the cold junction, as well as protection from air
currents, is advisable.
Simple Platinum RTD Interface
If high temperature resolution is required over a more
limited range, Figure 38 can resolve approximately
0.01
°C without additional amplification. The resistance of
a platinum RTD changes by approximately 0.31
Ω/°C at
TA = 25°C. The 100Ω to 300Ω source impedance of this
circuit does not compromise the stability, accuracy or
noise level of the LTC2400.
VIN
SDO
SCK
CS
3
FS
5V
2
R1*
12.1k
Pt RTD
100
Ω
1
4
*VISHAY S102 OR EQUIVALENT
5
6
7
5V
10k
60Hz
50Hz
8
VREF
VCC
0.1
µF
5V
GND
LTC2400
FO
2400 F37
Figure 38. Simplest Platinum RTD Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com