Electronic Components Datasheet Search
  English  ▼

X  

LTC2410C Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2410C
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410C Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2410C Datasheet HTML 26Page - Linear Technology LTC2410C Datasheet HTML 27Page - Linear Technology LTC2410C Datasheet HTML 28Page - Linear Technology LTC2410C Datasheet HTML 29Page - Linear Technology LTC2410C Datasheet HTML 30Page - Linear Technology LTC2410C Datasheet HTML 31Page - Linear Technology LTC2410C Datasheet HTML 32Page - Linear Technology LTC2410C Datasheet HTML 33Page - Linear Technology LTC2410C Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC2410
30
APPLICATIO S I FOR ATIO
front of the LTC2410, the input dynamic current should be
considered (see Input Current section). In cases where
large effective RC time constants are used, an external
buffer amplifier may be required to minimize the effects of
dynamic input current.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from po-
tential instabilities at large input signal levels. The propri-
etary architecture used for the LTC2410 third order modu-
lator resolves this problem and guarantees a predictable
stable behavior at input signal levels of up to 150% of full
scale. In many industrial applications, it is not uncommon
to have to measure microvolt level signals superimposed
over volt level perturbations and LTC2410 is eminently
suited for such tasks. When the perturbation is differential,
the specification of interest is the normal mode rejection
for large input signal levels. With a reference voltage
VREF = 5V, the LTC2410 has a full-scale differential input
range of 5V peak-to-peak. Figures 42 and 43 show mea-
surement results for the LTC2410 normal mode rejection
ratio with a 7.5V peak-to-peak (150% of full scale) input
signal superimposed over the more traditional normal mode
rejection ratio results obtained with a 5V peak-to-peak (full
scale) input signal. In Figure 42, the LTC2410 uses the
internal oscillator with the notch set at 60Hz (FO = LOW)
and in Figure 43 it uses the internal oscillator with the
notch set at 50Hz (FO = HIGH). It is clear that the LTC2410
rejection performance is maintained with no compromises
in this extreme situation. When operating with large input
signal levels, the user must observe that such signals do
not violate the device absolute maximum ratings.
Figure 42. Measured Input Normal Mode Rejection vs Input Frequency
Figure 43. Measured Input Normal Mode Rejection vs Input Frequency
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2410 F3a
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
INPUT FREQUENCY (Hz)
0
2410 F4a
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
FO = 5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com