Electronic Components Datasheet Search
  English  ▼

X  

LTC485 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC485
Description  Low Power RS485 Interface Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC485 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC485 Datasheet HTML 4Page - Linear Technology LTC485 Datasheet HTML 5Page - Linear Technology LTC485 Datasheet HTML 6Page - Linear Technology LTC485 Datasheet HTML 7Page - Linear Technology LTC485 Datasheet HTML 8Page - Linear Technology LTC485 Datasheet HTML 9Page - Linear Technology LTC485 Datasheet HTML 10Page - Linear Technology LTC485 Datasheet HTML 11Page - Linear Technology LTC485 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC485
APPLICATIO S I FOR ATIO
LTC485 Line Length vs Data Rate
The maximum line length allowable for the RS422/RS485
standard is 4000 feet.
Figures 17 and 18 show that the LTC485 is able to
comfortably drive 4000 feet of wire at 110kHz.
Figure 14. Line Length Test Circuit
TTL
OUT
LTC485
LTC485
NOISE
GENERATOR
100
Ω
C
D
4000 FT 26AWG
TWISTED PAIR
A
B
TTL
IN
Using the test circuit in Figure 14, Figures 15 and 16 show
that with ~ 20VP-P common-mode noise injected on the
line, The LTC485 is able to reconstruct the data stream at
the end of 4000 feet of twisted pair wire.
RO
DIFFERENTIAL
VOLTAGE A – B
DI
LTC485 • F16
Figure 16. System Differential Voltage at 19.2kHz
Figure 15. System Common-Mode Voltage at 19.2kHz
COMMON-MODE
VOLTAGE (A + B)/2
RO
DI
LTC485 • F15
Figure 17. System Common-Mode Voltage at 110kHz
RO
COMMON-MODE
VOLTAGE (A + B)/2
DI
LTC485 • F17
RO
COMMON-MODE
VOLTAGE (A – B)
DI
LTC485 • F18
Figure 18. System Differential Voltage at 110kHz
When specifying line length vs maximum data rate the
curve in Figure 19 should be used:
Figure 19. Cable Length vs Maximum Data Rate
MAXIMUM DATA RATE
10k
10
100
1k
10k
100k
1M
10M
LTC485 • F19
2.5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com