Electronic Components Datasheet Search
  English  ▼

X  

UPD77111 Datasheet(PDF) 23 Page - NEC

Part # UPD77111
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77111 Datasheet(HTML) 23 Page - NEC

Back Button UPD77111 Datasheet HTML 19Page - NEC UPD77111 Datasheet HTML 20Page - NEC UPD77111 Datasheet HTML 21Page - NEC UPD77111 Datasheet HTML 22Page - NEC UPD77111 Datasheet HTML 23Page - NEC UPD77111 Datasheet HTML 24Page - NEC UPD77111 Datasheet HTML 25Page - NEC UPD77111 Datasheet HTML 26Page - NEC UPD77111 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
Data Sheet U12801EJ4V0DS00
23
µµµµPD77110, 77111, 77112
2.4.4 Wait cycle register
The number of wait cycles to be inserted when the external data memory area is accessed can be specified in
advance by using a register (DWTR)
Note. The number of wait cycles that can be set is 1, 3, or 7.
Note This function is not available on the
µPD77111 because this DSP does not have an external data area.
3. CLOCK GENERATOR
The clock generator generates an internal system clock based on the external clock input from the CLKIN pin and
supplies the generated clock to the internal units of the DSP.
For details of how to set the PLL multiple, refer to 4.2 Initializing PLL, 8.1 Clock Control Options, and 8.3.1
Settings related to clock control.
Stop mode
PLL control circuit
Output divider
Halt divider
Halt mode
Internal
system clock
×m
CLKOUT
CLKIN
÷n
÷l
4. RESET FUNCTION
When a low level of a specified width is input to the RESET pin, the device is initialized.
4.1 Hardware Reset
If the RESET pin is asserted active (low level) for a specified period, the internal circuitry of the DSP is initialized.
If the RESET pin is then deasserted inactive (high level), boot processing of the instruction RAM is performed
according to the status of the port pins (P0 and P1). After boot processing, processing is executed starting from the
instruction at address 0x200 of instruction memory (reset entry).
On power application, the RESET pin must be asserted active (low level) after 4 input clocks have been input with
the RESET pin in the inactive status (high level), after the supply voltage has reached the level of the operating
voltage. In other words, no power-ON reset function is available. On power application, the PLL must be initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com