Electronic Components Datasheet Search
  English  ▼

X  

UPD7759 Datasheet(PDF) 17 Page - NEC

Part # UPD7759
Description  ADPCM SPEECH SYNTHESIZER LSIs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7759 Datasheet(HTML) 17 Page - NEC

Back Button UPD7759 Datasheet HTML 10Page - NEC UPD7759 Datasheet HTML 11Page - NEC UPD7759 Datasheet HTML 12Page - NEC UPD7759 Datasheet HTML 13Page - NEC UPD7759 Datasheet HTML 14Page - NEC UPD7759 Datasheet HTML 15Page - NEC UPD7759 Datasheet HTML 16Page - NEC UPD7759 Datasheet HTML 17Page - NEC UPD7759 Datasheet HTML 18Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
µPD7759
17
4. RECOMMENDED SOLDERING CONDITIONS
The following conditions (see tables below) must be met when soldering the
µPD7759. Please consult
with our sales offices in case other soldering process is used, or in case soldering is done under
different conditions.
For more details, refer to our document "SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY
MANUAL" (IEI-1207).
q
q TYPE OF SURFACE MOUNT DEVICE
µPD7759GC-3BH:52-pin plastic QFP (s
s 14 mm)
Soldering Process
Soldering Conditions
Symbol
Solder temperature: 260
°C or below,
Flow time: 10 seconds or below,
Temperature of pre-heat: 120
°C or below (Plastic surface temperature),
Number of flow process: 1
Peak package's surface temperature: 230
°C or below,
Infrared Ray Reflow
Reflow time: 30 seconds or below (210
°C or higher),
IR30-00-1
Number of reflow process: 1
Peak package's temperature: 215
°C or below,
VPS
Reflow time: 40 seconds or below (200
°C or higher),
VP15-00-1
Number of reflow process: 1
Terminal temperature: 300
°C or below,
Time: 3 seconds or below (Per one side of the device)
Caution Do not apply more than one soldering method at any one time, except for "Partial heating method".
q
q TYPE OF THROUGH HOLE DEVICE
µPD7759C:40-pin plastic DIP (600mil)
Soldering Process
Soldering Conditions
Wave Soldering
Solder Temperature: 260
°C or below
(only lead part)
Flow time: 10 seconds or below
Terminal temperature: 260
°C or below
Time: 10 seconds or below
Caution Do not jet molten solder on the surface of package.
5
Partial Heating Method
—
Wave Soldering
WS60-00-1
Partial Heating Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com