Electronic Components Datasheet Search
  English  ▼

X  

LTC2402IMS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2402IMS
Description  1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402IMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2402IMS Datasheet HTML 4Page - Linear Technology LTC2402IMS Datasheet HTML 5Page - Linear Technology LTC2402IMS Datasheet HTML 6Page - Linear Technology LTC2402IMS Datasheet HTML 7Page - Linear Technology LTC2402IMS Datasheet HTML 8Page - Linear Technology LTC2402IMS Datasheet HTML 9Page - Linear Technology LTC2402IMS Datasheet HTML 10Page - Linear Technology LTC2402IMS Datasheet HTML 11Page - Linear Technology LTC2402IMS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
Figure 6. Embedded Selected Channel Indicator
24012 F06
SCK
SDO
CH1
• • •
• • •
CH1 DATA OUT
CH0 DATA OUT
EOC
CH0
EOC
is alternated. Embedded within the serial data output is a
status bit indicating which channel corresponds to the
conversion result. If the conversion was performed on
CH0, this bit (Bit 30) is LOW and is HIGH if the conversion
was performed on CH1 (see Figure 6).
There are no extra control or status pins required to
perform the alternating 2-channel measurements. The
LTC2402 only requires two digital signals (SCK and SDO).
This simplification is ideal for isolated temperature mea-
surements or systems where minimal control signals are
available.
Pseudo Differential Applications
Generally, designers choose fully differential topologies
for several reasons. First, the interface to a 4- or 6-wire
bridge is simple (it is a differential output). Second, they
require good rejection of line frequency noise. Third, they
typically look at a small differential signal sitting on a
large common mode voltage; they need accurate
measurements of the differential signal independent of
the common mode input voltage. Many applications
currently using fully differential analog-to-digital con-
verters for any of the above reasons may migrate to a
pseudo differential conversion using the LTC2402.
Direct Connection to a Full Bridge
The LTC2402 interfaces directly to a 4- or 6-wire bridge, as
shown in Figure 7. Like the LTC2401, the LTC2402 in-
cludes a FSSET and a ZSSET for sensing the excitation
voltage directly across the bridge. This eliminates errors
due to excitation currents flowing through parasitic resis-
tors. The LTC2402 also includes two single ended input
channels which can tie directly to the differential output of
the bridge. The two conversion results may be digitally
subtracted yielding the differential result.
VCC
LTC2402
FSSET
ZSSET
SCK
CH1
SDO
FO
CS
CH0
GND
3-WIRE
SPI INTERFACE
1
5V
9
8
7
10
24012 F07
2
350
Ω
350
Ω
350
Ω
350
Ω
3
4
5
IDC = 0
IEXCITATION
IDC = 0
Figure 7. Pseudo Differential Strain Guage Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com