Electronic Components Datasheet Search
  English  ▼

X  

LTC2404IG Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2404IG
Description  4-/8-Channel 24-Bit uPower No Latency ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2404IG Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2404IG Datasheet HTML 18Page - Linear Technology LTC2404IG Datasheet HTML 19Page - Linear Technology LTC2404IG Datasheet HTML 20Page - Linear Technology LTC2404IG Datasheet HTML 21Page - Linear Technology LTC2404IG Datasheet HTML 22Page - Linear Technology LTC2404IG Datasheet HTML 23Page - Linear Technology LTC2404IG Datasheet HTML 24Page - Linear Technology LTC2404IG Datasheet HTML 25Page - Linear Technology LTC2404IG Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
LTC2404/LTC2408
APPLICATIONS INFORMATION
mode. However, certain applications may require an exter-
nal driver on SCK. If this driver goes HI-Z after outputting
a LOW signal, the LTC2404/LTC2408’s internal pull-up
remains disabled. Hence, SCK remains LOW. On the next
falling edge of CSADC, the device is switched to the
external SCK timing mode. By adding an external 10k pull-
up resistor to SCK, this pin goes HIGH once the external
driver goes HI-Z. On the next CSADC falling edge, the
device will remain in the internal SCK timing mode.
A similar situation may occur during the sleep state when
CSADC is pulsed HIGH-LOW-HIGH in order to test the
conversion status. If the device is in the sleep state
(EOC = 0), SCK will go LOW. Once CSADC goes HIGH
(within the time period defined above as tEOCtest), the
internal pull-up is activated. For a heavy capacitive load
on the SCK pin, the internal pull-up may not be adequate
to return SCK to a HIGH level before CSADC goes LOW
again. This is not a concern under normal conditions
where CSADC remains LOW after detecting EOC = 0. This
situation is easily avoided by adding an external 10k pull-
up resistor to the SCK pin.
DIGITAL SIGNAL LEVELS
The LTC2404/LTC2408’s digital interface is easy to use.
Its digital inputs (FO, CSADC, CSMUX, CLK, DIN and SCK
in External SCK mode of operation) accept standard TTL/
CMOS logic levels and can tolerate edge rates as slow as
100
µs.However,someconsiderationsarerequiredtotake
advantage of exceptional accuracy and low supply current.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
In order to preserve the accuracy of the LTC2404/LTC2408,
it is very important to minimize the ground path imped-
ance which may appear in series with the input and/or
reference signal and to reduce the current which may flow
through this path. The COM pin (Pin 6) should be con-
nected to a low resistance ground plane through a mini-
mum length trace. The use of multiple via holes is recom-
mended to further reduce the connection resistance. The
LTC2404/LTC2408’s power supply current flowing through
the 0.01
Ω resistance of the common ground pin will
develop a 2.5
µV offset signal. For a reference voltage VREF
= 2.5V, this represents a 1ppm offset error.
In an alternative configuration, the COM pin of the converter
can be the single-point-ground in a single point grounding
system. The input signal ground, the reference signal
ground, the digital drivers ground (usually the digital
ground) and the power supply ground (the analog ground)
should be connected in a star configuration with the com-
mon point located as close to the COM pin as possible.
The power supply current during the conversion state
should be kept to a minimum. This is achieved by restrict-
ing the number of digital signal transitions occurring
during this period.
While a digital input signal is in the 0.5V to (VCC – 0.5V)
range, the CMOS input receiver draws additional current
from the power supply. It should be noted that, when any
one of the digital input signals (FO, CSADC, CSMUX, DIN,
CLK and SCK in External SCK mode of operation) is within
this range, the LTC2404/LTC2408 power supply current
may increase even if the signal in question is at a valid logic
level. For micropower operation and in order to minimize
the potential errors due to additional ground pin current,
it is recommended to drive all digital input signals to full
CMOS levels [VIL < 0.4V and VOH > (VCC – 0.4V)].
Severe ground pin current disturbances can also occur
due to the undershoot of fast digital input signals. Under-
shoot and overshoot can occur because of the imped-
ance mismatch at the converter pin when the transition
time of an external control signal is less than twice the
propagation delay from the driver to LTC2404/LTC2408.
For reference, on a regular FR-4 board, signal propaga-
tion velocity is approximately 183ps/inch for internal
traces and 170ps/inch for surface traces. Thus, a driver
generating a control signal with a minimum transition
time of 1ns must be connected to the converter pin
through a trace shorter than 2.5 inches. This problem
becomes particularly difficult when shared control lines
are used and multiple reflections may occur. The solution
is to carefully terminate all transmission lines close to
their characteristic impedance.
Parallel termination near the LTC2404/LTC2408 input
pins will eliminate this problem but will increase the driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com