Electronic Components Datasheet Search
  English  ▼

X  

LTC491 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC491
Description  Differential Driver and Receiver Pair
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC491 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC491 Datasheet HTML 4Page - Linear Technology LTC491 Datasheet HTML 5Page - Linear Technology LTC491 Datasheet HTML 6Page - Linear Technology LTC491 Datasheet HTML 7Page - Linear Technology LTC491 Datasheet HTML 8Page - Linear Technology LTC491 Datasheet HTML 9Page - Linear Technology LTC491 Datasheet HTML 10Page - Linear Technology LTC491 Datasheet HTML 11Page - Linear Technology LTC491 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC491
10
Fault Protection
All of LTC’s RS485 products are protected against ESD
transients up to 2kV using the human body model (100pF,
1.5k
Ω). However, some applications need more
protection. The best protection method is to connect a
bidirectional TransZorb from each line side pin to ground
(Figure 16).
LTC491 • TA17
120
Ω
DRIVER
Z
Y
Figure 16. ESD Protection with TransZorbs
A TransZorb is a silicon transient voltage suppressor that
has exceptional surge handling capabilities, fast response
time, and low series resistance. They are available from
General Semiconductor Industries and come in a variety of
breakdown voltages and prices. Be sure to pick a break-
down voltage higher than the common mode voltage
required for your application (typically 12V). Also, don’t
forget to check how much the added parasitic capacitance
will load down the bus.
Receiver Open-Circuit Fail-Safe
Some data encoding schemes require that the output of
the receiver maintains a known state (usually a logic 1)
when the data is finished transmitting and all drivers on the
line are forced into three-state. The receiver of the LTC491
has a fail-safe feature which guarantees the output to be in
a logic 1 state when the receiver inputs are left floating
(open-circuit). However, when the cable is terminated
with 120
Ω, the differential inputs to the receiver are
shorted together, not left floating. Because the receiver
has about 70mV of hysteresis, the receiver output will
maintain the last data bit received.
140
Ω
RECEIVER
RX
+5V
1.5k
Ω
RECEIVER
RX
+5V
110
Ω
130
Ω
110
Ω
130
Ω
LTC491 • TA16
120
Ω
RECEIVER
RX
C
+5V
100k
Ω
1.5k
Ω
Figure 15. Forcing “O” When All Drivers are Off
The termination resistors are used to generate a DC bias
which forces the receiver output to a known state, in this
case a logic 0. The first method consumes about 208mW
and the second about 8mW. The lowest power solution is to
use an AC termination with a pull-up resistor. Simply swap
the receiver inputs for data protocols ending in logic 1.
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com