Electronic Components Datasheet Search
  English  ▼

X  

LTC2428IG Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2428IG
Description  4-/8-Channel 20-Bit uPower No Latency ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2428IG Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2428IG Datasheet HTML 18Page - Linear Technology LTC2428IG Datasheet HTML 19Page - Linear Technology LTC2428IG Datasheet HTML 20Page - Linear Technology LTC2428IG Datasheet HTML 21Page - Linear Technology LTC2428IG Datasheet HTML 22Page - Linear Technology LTC2428IG Datasheet HTML 23Page - Linear Technology LTC2428IG Datasheet HTML 24Page - Linear Technology LTC2428IG Datasheet HTML 25Page - Linear Technology LTC2428IG Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC2424/LTC2428
APPLICATIONS INFORMATION
full-scale shift, see Figure 19. To simplify the analysis of
input dynamic current, two separate cases are assumed:
large capacitance at VIN (CIN > 0.01µF) and small capaci-
tance at VIN (CIN < 0.01µF).
If the total capacitance at VIN (see Figure 20) is small
(< 0.01
µF), relatively large external source resistances (up
to 20k for 20pF parasitic capacitance) can be tolerated
without any offset/full-scale error.
ANTIALIASING
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2424/LTC2428 signifi-
cantly simplify antialiasing filter requirements.
The digital filter provides very high rejection except at
integer multiples of the modulator sampling frequency
(fS), see Figure 21. The modulator sampling frequency is
256 • FO, where FO is the notch frequency (typically 50Hz
or 60Hz). The bandwidth of signals not rejected by the
digital filter is narrow (
≈0.2%)comparedtothebandwidth
of the frequencies rejected.
Figure 18. LTC2424/LTC2428 Equivalent Analog Input Circuit
FSSET
CHX
ADCVCC
(PIN 2)
RSW
5k
AVERAGE INPUT CURRENT:
IDC = 0.25(VIN – 0.5 • VREF) • f • CEQ
IREF
IREF
ADCVCC
(PIN 2)
IIN(LEAK)
IIN(LEAK)
±IDC
MUXVCC
(PIN 8)
IIN(MUX)
IIN(MUX)
RSW
5k
RSW
75
Ω
CEQ
1pF (TYP)
RSW
5k
SELECTED
CHANNEL
24248 F18
fOUT = 50Hz, INTERNAL OSCILLATOR: f = 128kHz
fOUT = 60Hz, INTERNAL OSCILLATOR: f = 153.6kHz
EXTERNAL OSCILLATOR: 2.56kHz
≤ f ≤ 307.2kHz
ZSSET
ADCIN
MUXOUT
Figure 19. Offset/Full-Scale Shift
Figure 20. An RC Network at CH0 to CH7
0
TUE
VREF/2
VIN
24248 F19
VREF
CIN
24248 F20
INTPUT
SIGNAL
SOURCE
RSOURCE
CH0 TO
CH7
LTC2424/
LTC2428
CPAR
≅20pF
Figure 21. Sync4 Filter Rejection
INPUT FREQUENCY
0
–60
–40
0
24248 F21
–80
–100
fS/2
fS
–120
–140
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com