Electronic Components Datasheet Search
  English  ▼

X  

UPD7759C Datasheet(PDF) 8 Page - NEC

Part # UPD7759C
Description  ADPCM SPEECH SYNTHESIZER LSIs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7759C Datasheet(HTML) 8 Page - NEC

Back Button UPD7759C Datasheet HTML 4Page - NEC UPD7759C Datasheet HTML 5Page - NEC UPD7759C Datasheet HTML 6Page - NEC UPD7759C Datasheet HTML 7Page - NEC UPD7759C Datasheet HTML 8Page - NEC UPD7759C Datasheet HTML 9Page - NEC UPD7759C Datasheet HTML 10Page - NEC UPD7759C Datasheet HTML 11Page - NEC UPD7759C Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
µPD7759
8
AC CHARACTERISTICS (Ta = –10 to +70
°C, VDD = 2.7 to 5.5 V, fOSC = 640 kHz)
TIMING REQUIREMENTS (common to all modes)
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
tr1
CL = 150 pF, VDD = 5 V
± 10 %
800
ns
BUSY rise time
tr2
CL = 150 pF, VDD = 2.7 to 5.5 V
2
µs
tf1
CL = 150 pF, VDD = 5 V
± 10 %
800
ns
BUSY fall time
tf2
CL = 150 pF, VDD = 2.7 to 5.5 V
2
µs
BUSY output stop time
tRB
from RESET
↓
9.5
µs
2.1 STAND ALONE MODE
(1)
TIMING REQUIREMENTS
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
RESET pulse width
tRST
18.5
µs
CS set up time
tCS
for ST
↓
0ns
CS hold time
tSC
from ST
↑
0ns
In operation mode, from RESET
↑
200
µs
ST set up time
tRS
In standby mode, from RESET
↑
1.6
ms
2.7 V
VDD
5.5 V
2
µs
ST pulse width
tCC
4.5 V
VDD
5.5 V
350
ns
2.7 V
VDD
5.5 V, from ST
↑
5
µs
Message select code set up time
tDW
4.5 V
VDD
5.5 V, from ST
↑
350
ns
Message select code hold time
tWD
from ST
↑
0ns
Speech data set up time
tDR
for DRQ
↓
2
7.5
µs
Speech data hold time
tRDH
from DRQ
↑
1.25
µs
<
=
<
=
<
=
<
=
<
=
<
=
<
=
<
=
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com