Electronic Components Datasheet Search
  English  ▼

X  

MDC-C Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MDC-C
Description  Cable Prep Tools Module Termination Tools and Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MDC-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  MDC-C Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
Cable Prep Tools
CWST
CJAST
Module Termination Tools and Accessories
• TGJT termination tool easily terminates all TG style jack
modules, reducing installation time by 25%
• EGJT tool assists in terminating all enhanced Giga-TX ™
Style Jack Modules by ensuring conductors are fully
terminated by utilizing smooth forward motion without
impact on critical internal components for
maximum reliability
• CGJT termination tool terminates all Mini-Com ®
Mini-Jack ™ Jack Modules
• CJT-X tool assists in terminating all Mini-Com ® Mini-Jack ™
Jack Modules by ensuring conductors are fully terminated
• Punchdown base (AVPDB) available for terminating
S-video and RCA punchdown modules
• Dust cap keeps out dust and debris from RJ45 style jack
modules while not in use
Patch cord and connector removal tools for high-density applications are available on page B.93
of SA-NCCB51.
TGJT
EGJT
CGJT
CJT-X
AVPDB
• Copper Wire Snipping Tool (CWST) cuts conductors flush
for improved performance
• Adjustable Cable Jacket Stripping Tool (CJAST) strips
outer jacket of 4-pair UTP and shielded copper cable
Part Number
Part Description
Std.
Pkg.
Qty.
CWST
Copper conductor snipping tool.
1
CJAST
Cable jacket stripping tool.
1
MDC-C
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TGJT
TG termination tool easily terminates all TG style jack modules by
cutting conductors flush and assembling wire cap and jack. Ideal for
high volume installations.
1—
EGJT
Terminates enhanced Giga-TX ™ TG Style Jack Modules.
1
50
CGJT
Terminates Giga-TX ™ TP Style Jack Modules.
1
50
CJT-X
Terminates Mini-Com ® Mini-Jack ™ Jack Modules.
10
50
AVPDB
Audio/video punchdown base used to assist in terminating
Mini-Com ® S-Video and RCA Punchdown Modules.
150
MDC-C
Jack module dust cap. Compatible with all RJ45 Mini-Com ®
Jack Modules.
100
1000


Similar Part No. - MDC-C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MDC-C PANDUIT-MDC-C Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
MDC-C PANDUIT-MDC-C Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
MDC-C PANDUIT-MDC-C Datasheet
170Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
05/2016
MDC-C PANDUIT-MDC-C Datasheet
127Kb / 2P
Mini-Com TX6 PLUS UTP Jack Module
11/2010
MDC-C PANDUIT-MDC-C Datasheet
349Kb / 2P
Mini-Com TX6™ PLUS UTP Jack Modules
02/2016
More results

Similar Description - MDC-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35502 ETC2-35502 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
DHCR15 ETC2-DHCR15 Datasheet
222Kb / 3P
LD Terminals, Hand Tools & Accessories
35503 ETC2-35503 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
HC2911A ETC2-HC2911A Datasheet
92Kb / 1P
Tools and Accessories - RCA Right-Angle Connector
logo
Glenair, Inc.
600-192 GLENAIR-600-192 Datasheet
274Kb / 1P
Accessories and Tools
601-108 GLENAIR-601-108 Datasheet
231Kb / 1P
Accessories and Tools
logo
PHOENIX CONTACT
1206188 PHOENIX-1206188 Datasheet
42Kb / 2P
Accessories for tools - PPS HANDLE
1206298 PHOENIX-1206298 Datasheet
43Kb / 2P
Accessories for tools - PPS PROFILE PLATE
1206337 PHOENIX-1206337 Datasheet
43Kb / 2P
Accessories for tools - PPS LEVER
1105212 PHOENIX-1105212 Datasheet
49Kb / 2P
Accessories for tools - PPS COMPACT/CLAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com