Electronic Components Datasheet Search
  English  ▼

X  

LTC488IS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC488IS
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488IS Datasheet(HTML) 1 Page - Linear Technology

  LTC488IS Datasheet HTML 1Page - Linear Technology LTC488IS Datasheet HTML 2Page - Linear Technology LTC488IS Datasheet HTML 3Page - Linear Technology LTC488IS Datasheet HTML 4Page - Linear Technology LTC488IS Datasheet HTML 5Page - Linear Technology LTC488IS Datasheet HTML 6Page - Linear Technology LTC488IS Datasheet HTML 7Page - Linear Technology LTC488IS Datasheet HTML 8Page - Linear Technology LTC488IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC488/LTC489
Quad RS485 Line Receiver
S
FEATURE
s
Low Power: ICC = 7mA Typ
s
Designed for RS485 or RS422 Applications
s
Single 5V Supply
s
– 7V to 12V Bus Common Mode Range Permits
±7V
Ground Difference Between Devices on the Bus
s
60mV Typical Input Hysteresis
s
Receiver Maintains High Impedance in Three-State or
with the Power Off
s
28ns Typical Receiver Propagation Delay
s
Pin Compatible with the SN75173 (LTC488)
s
Pin Compatible with the SN75175 (LTC489)
S
APPLICATI
s
Low Power RS485/RS422 Receivers
s
Level Translator
The LTC
®488 and LTC489 are low power differential bus/
line receivers designed for multipoint data transmission
standard RS485 applications with extended common mode
range (12V to – 7V). They also meet the requirements of
RS422.
The CMOS design offers significant power savings over its
bipolar counterpart without sacrificing ruggedness against
overload or ESD damage.
The receiver features three-state outputs, with the receiver
output maintaining high impedance over the entire com-
mon mode range.
The receiver has a fail-safe feature which guarantees a
high output state when the inputs are left open.
Both AC and DC specifications are guaranteed 4.75V to
5.25V supply voltage range.
DESCRIPTIO
APPLICATI
TYPICAL
120
Ω
4000 FT 24 GAUGE TWISTED PAIR
DI
RECEIVER
1/4 LTC488
120
Ω
DRIVER
1/4 LTC486
RO
EN
EN
1
2
4
12
3
EN
EN
120
Ω
4000 FT 24 GAUGE TWISTED PAIR
DI
RECEIVER
1/4 LTC489
120
Ω
DRIVER
1/4 LTC487
RO
EN12
1
2
4
3
EN12
LTC488/9 TA01
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC488IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC488ISW LINER-LTC488ISW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC488ISW LINER-LTC488ISW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC488ISW-PBF LINER-LTC488ISW-PBF Datasheet
142Kb / 12P
Quad RS485 Line Receiver
More results

Similar Description - LTC488IS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
Quad Line Receiver
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
Quad Line Receiver
1996 REV 5
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com