Electronic Components Datasheet Search
  English  ▼

X  

LTC7545 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC7545
Description  Improved Industry Standard Parallel 12-Bit Multiplying DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7545 Datasheet(HTML) 5 Page - Linear Technology

  LTC7545 Datasheet HTML 1Page - Linear Technology LTC7545 Datasheet HTML 2Page - Linear Technology LTC7545 Datasheet HTML 3Page - Linear Technology LTC7545 Datasheet HTML 4Page - Linear Technology LTC7545 Datasheet HTML 5Page - Linear Technology LTC7545 Datasheet HTML 6Page - Linear Technology LTC7545 Datasheet HTML 7Page - Linear Technology LTC7545 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC7545A
TYPICAL APPLICATIONS N
Unipolar Operation (2-Quadrant Multiplication)
ANALOG OUTPUT
VOUT
MSB
LSB
1111
1111
1111
– VREF (4095/4096)
1000
0000
0000
– V
REF
(2048/4096) = – VREF/2
0000
0000
0001
– V
REF
(1/4096)
0000
0000
0000
0V
DIGITAL INPUT
BINARY NUMBER
IN DAC LATCH
Table 1. Unipolar Binary Code Table
VDD VREF
LTC7545A
RFB
OUT1
DGND
AGND
3
2
17
16
4–15
18
5V OR 15V
VREF
–10V TO 10V
µP
WR
CS
DB11 to DB0
19
20
1
33pF
0.1
µF
VOUT
0V TO – VREF
7545A TA03
LT1097



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com