Electronic Components Datasheet Search
  English  ▼

X  

RH1009 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1009
Description  2.5V Reference
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1009 Datasheet(HTML) 1 Page - Linear Technology

  RH1009 Datasheet HTML 1Page - Linear Technology RH1009 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
RH1009
2.5V Reference
TJ = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VZ
Reverse Breakdown
IR = 1mA
2.495
2.505
1
V
Voltage
∆VZ
Reverse Breakdown
400
µA ≤ IR ≤ 10mA
6
1
10
2,3
mV
∆IR
Voltage Change with Current
r
Z
Reverse Dynamic
IR = 1mA
1
0.6
1
Ω
Impedance
∆VZ
Temperature Stability
1
15
mV
∆VZ
Long Term Stability
TA = 25°C ±0.1°C,
20
ppm/kHr
∆Time
IR = 1mA
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation)
–55
°C ≤ TJ ≤ 150°C
Reverse Breakdown Current ................................ 20mA
Forward Current................................................... 10mA
Operating Temperature Range ............. – 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300
°C
DESCRIPTIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH1009 is a general purpose 2.5V shunt regulator
diode designed to operate over a wide current range while
maintaining good stability with time and temperature. The
adjust terminal allows either temperature coefficient to be
minimized or the reference voltage to be adjusted without
changing the temperature coefficient. Because it operates
as a shunt regulator it can be used equally well as a positive
or negative reference.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
, LTC and LT are registered trademarks of Linear Technology Corporation.
PACKAGE/ORDER I FOR ATIO
BUR -I CIRCUIT
2k
20V
RH1009 BI
NC
BOTTOM VIEW
ADJ
–
+
H PACKAGE
3-LEAD TO-46 METAL CAN
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - RH1009

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1009 LINER-RH1009 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
2.5V Reference
More results

Similar Description - RH1009

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
2.5V REFERENCE DIODE
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
2.5V Reference
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
2.5V Reference
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
2.5V Reference
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_16 Datasheet
453Kb / 17P
2.5V Reference Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com