Electronic Components Datasheet Search
  English  ▼

X  

BAT54LPS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAT54LPS
Description  0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPS Datasheet(HTML) 3 Page - Diodes Incorporated

  BAT54LPS Datasheet HTML 1Page - Diodes Incorporated BAT54LPS Datasheet HTML 2Page - Diodes Incorporated BAT54LPS Datasheet HTML 3Page - Diodes Incorporated BAT54LPS Datasheet HTML 4Page - Diodes Incorporated BAT54LPS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT54LPS
Document number: DS30810 Rev. 3 - 2
3 of 5
www.diodes.com
February 2013
© Diodes Incorporated
BAT54LPS
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1
1.2
1.4 1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 1 Typical Forward Characteristics
T = -55°C
A
T = 25°C
A
T = 75°C
A
T = 125°C
A
0
5
10
15
20
25
30
V , REVERSE VOLTAGE (V)
R
Figure 2 Typical Reverse Characteristics
0.1
10
1,000
100,000
T = -55°C
A
T = 25°C
A
T = 75°C
A
T = 125°C
A
0
2
4
6
8
10
12
14
16
010
20
30
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Total Capacitance
f = 1MHz
0.00
0.05
0.1
0.15
0.2
0.25
0.3
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Figure 4 Forward Current Derating Curve
Note 6
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
I
, AVERAGE FORWARD CURRENT (A)
F(Av)
Figure 5 Forward Power Dissipation
0
25
50
75
100
125
0
5
10
15
20
25
30
V , DC REVERSE VOLTAGE (V)
R
Figure 6 Operating Temperature Derating
Note 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com