Electronic Components Datasheet Search
  English  ▼

X  

DA3547 Datasheet(PDF) 2 Page - Marktech Corporate

Part # DA3547
Description  LEDs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

DA3547 Datasheet(HTML) 2 Page - Marktech Corporate

  DA3547 Datasheet HTML 1Page - Marktech Corporate DA3547 Datasheet HTML 2Page - Marktech Corporate DA3547 Datasheet HTML 3Page - Marktech Corporate DA3547 Datasheet HTML 4Page - Marktech Corporate DA3547 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andDAandDA3547aretrademarksofCree,Inc.
2
CPR3EL Rev. A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1,3, & 4
CxxxDA3547-Sxxx00
DCForwardCurrent
150mA
PeakForwardCurrent(1/10dutycycle@1kHz)
200mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 50 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450DA3547-Sxxx00
2.8
3.1
3.4
2
20
C460DA3547-Sxxx00
2.8
3.1
3.4
2
21
Mechanical Specifications
CxxxDA3547-Sxxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
296x416
±35
ChipBottomArea(μm)
350x470
±35
ChipTopArea(μm)
200x320
±35
ChipThickness(μm)
155
±15
AuSnBondPadWidth–Anode(um)
90
±15
AuSnBondPadLength–Anode(um)
296
±35
AuSnBondPadWidth–Cathode(um)
236
±35
AuSnBondPadLength–Cathode(um)
296
±35
BondPadGap(μm)
90
±15
AuSnBondPadThickness(μm)
3
±0.5
Notes:
1.
Maximumratingsarepackage-dependent.Theaboveratingsweredeterminedusingachipsub-mountonMCPCB(withsiliconeencapsulationand
intrinsicAuSnmetaldieattach)forcharacterization.Ratingsforotherpackagesmaydiffer.Junctiontemperatureshouldbecharacterizedinaspecific
packagetodeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2.
Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalancheenergytest(RAET).
TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled and operated
at50mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgivenarewithintherangeofaverage
valuesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.AllmeasurementsweremadeusinglampsinT-13/4
packages(withHysolOS4000epoxyencapsulantandintrinsicAuSnmetaldieattach).Opticalcharacteristicsmeasuredinanintegratingsphere
usingIlluminanceE.
4.
ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfortheend-producttobe
designedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinordertooptimizeproductperformance.
0
20
40
60
80
100
120
140
160
50
75
100
125
150
175
Ambient Temperature (
C)
Rth j-a = 10 C/W
Rth j-a = 20 C/W
Rth j-a = 30 C/W
Rth j-a = 40 C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com