Electronic Components Datasheet Search
  English  ▼

X  

LTC695 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC695
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC695 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC695 Datasheet HTML 5Page - Linear Technology LTC695 Datasheet HTML 6Page - Linear Technology LTC695 Datasheet HTML 7Page - Linear Technology LTC695 Datasheet HTML 8Page - Linear Technology LTC695 Datasheet HTML 9Page - Linear Technology LTC695 Datasheet HTML 10Page - Linear Technology LTC695 Datasheet HTML 11Page - Linear Technology LTC695 Datasheet HTML 12Page - Linear Technology LTC695 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC690/LTC691
LTC694/LTC695
S
APPLICATI
I FOR ATIO
size double layer capacitors, can be used for short term
memory back-up instead of a battery. The charging resis-
tor for both capacitors and rechargeable batteries should
be connected to VOUT since this eliminates the discharge
path that exists when the resistor is connected to VCC
(Figure 3).
of external PNP transistor (Figure 2). If higher currents are
needed with the LTC690 and LTC694, a high current
Schottky diode can be connected from the VCC pin to the
VOUT pin to supply the extra current.
Figure 2. Using BATT ON to Drive External PNP Transistor
The LTC690 family is protected for safe area operation
with short-circuit limit. Output current is limited to ap-
proximately 200mA. If the device is overloaded for long
period of time, thermal shutdown turns the power switch
off until the device cools down. The threshhold tempera-
ture for thermal shutdown is approximately 155
°C with
about 10
°C of hysteresis which prevents the device from
oscillating in and out of shutdown.
The PNP switch used in competitive devices was not
chosen for the internal power switch because it injects
unwanted current into the substrate. This current is col-
lected by the VBATT pin in competitive devices and adds to
the charging current of the battery which can damage
lithium batteries. The LTC690 family uses a charge pumped
NMOS power switch to eliminate unwanted charging
current while achieving low dropout and low supply cur-
rent. Since no current goes to the substrate, the current
collected by VBATT pin is strictly junction leakage.
A 125
Ω PMOS switch connects the VBATT input to VOUT in
battery back-up mode. The switch is designed for very low
dropout voltage (input-to-output differential). This feature
is advantageous for low current applications such as
battery back-up in CMOS RAM and other low power CMOS
circuitry. The supply current in battery back-up mode is
1
µA maximum.
The operating voltage at the VBATT pin ranges from 2.0V to
4.25V. High value capacitors, such as electrolytic or farad-
Replacing the Back-Up Battery
When changing the back-up battery with system power
on, spurious resets can occur while battery is removed
due to battery standby current. Although battery standby
current is only a tiny leakage current, it can still charge up
the stray capacitance on the VBATT pin. The oscillation
cycle is as follows: When VBATT reaches within 50mV of
VCC, the LTC690 switches to battery back-up. VOUT pulls
VBATT low and the device goes back to normal operation.
The leakage current then charges up the VBATT pin again
and the cycle repeats.
If spurious resets during battery replacement pose no
problems, then no action is required. Otherwise, a resistor
from VBATT to GND will hold the pin low while changing the
battery. For example, the battery standby current is 1
µA
maximum over temperature and the external resistor
required to hold VBATT below VCC is:
With VCC = 4.5V, a 4.3M resistor will work. With a 3V
battery, this resistor will draw only 0.7
µA from the battery,
which is negligible in most cases.
R
V
– 50mV
1A
CC
≤
µ
5V
3V
0.1
µF
0.1
µF
VBATT
VCC
LTC691
LTC695
VOUT
GND
4
3
1
2
5
ANY PNP POWER TRANSISTOR
690 F02
BATT ON
5V
3V
0.1
µF
0.1
µF
VBATT
VCC
LTC690
LTC691
LTC694
LTC695
VOUT
GND
690 F03
VOUT – VBATT
R
I =
R
Figure 3. Charging External Battery Through VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com